Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046AM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4046AM Datasheet HTML 1Page - Texas Instruments CD74HC4046AM Datasheet HTML 2Page - Texas Instruments CD74HC4046AM Datasheet HTML 3Page - Texas Instruments CD74HC4046AM Datasheet HTML 4Page - Texas Instruments CD74HC4046AM Datasheet HTML 5Page - Texas Instruments CD74HC4046AM Datasheet HTML 6Page - Texas Instruments CD74HC4046AM Datasheet HTML 7Page - Texas Instruments CD74HC4046AM Datasheet HTML 8Page - Texas Instruments CD74HC4046AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS204J
Features
• Operating Frequency Range
- Up to 18MHz (Typ) at VCC = 5V
- Minimum Center Frequency of 12MHz at VCC = 4.5V
• Choice of Three Phase Comparators
- EXCLUSIVE-OR
- Edge-Triggered JK Flip-Flop
- Edge-Triggered RS Flip-Flop
• Excellent VCO Frequency Linearity
• VCO-Inhibit Control for ON/OFF Keying and for Low
Standby Power Consumption
• Minimal Frequency Drift
• Operating Power Supply Voltage Range
- VCO Section . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 6V
- Digital Section . . . . . . . . . . . . . . . . . . . . . . . . 2V to 6V
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Applications
• FM Modulation and Demodulation
• Frequency Synthesis and Multiplication
• Frequency Discrimination
• Tone Decoding
• Data Synchronization and Conditioning
• Voltage-to-Frequency Conversion
• Motor-Speed Control
Description
The ’HC4046A and ’HCT4046A are high-speed silicon-gate
CMOS devices that are pin compatible with the CD4046B of
the “4000B” series. They are specified in compliance with
JEDEC standard number 7.
The ’HC4046A and ’HCT4046A are phase-locked-loop
circuits that contain a linear voltage-controlled oscillator
(VCO) and three different phase comparators (PC1, PC2 and
PC3). A signal input and a comparator input are common to
each comparator.
The signal input can be directly coupled to large voltage
signals, or indirectly coupled (with a series capacitor) to small
voltage signals. A self-bias input circuit keeps small voltage
signals within the linear region of the input amplifiers. With a
passive low-pass filter, the 4046A forms a second-order loop
PLL. The excellent VCO linearity is achieved by the use of
linear op-amp techniques.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4046AF3A
-55 to 125
16 Ld CERDIP
CD54HCT4046AF3A
-55 to 125
16 Ld CERDIP
CD74HC4046AE
-55 to 125
16 Ld PDIP
CD74HC4046AM
-55 to 125
16 Ld SOIC
CD74HC4046AMT
-55 to 125
16 Ld SOIC
CD74HC4046AM96
-55 to 125
16 Ld SOIC
CD74HC4046ANSR
-55 to 125
16 Ld SOP
CD74HC4046APWR
-55 to 125
16 Ld TSSOP
CD74HC4046APWT
-55 to 125
16 Ld TSSOP
CD74HCT4046AE
-55 to 125
16 Ld PDIP
CD74HCT4046AM
-55 to 125
16 Ld SOIC
CD74HCT4046AMT
-55 to 125
16 Ld SOIC
CD74HCT4046AM96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
February 1998 - Revised December 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4046A, CD74HC4046A,
CD54HCT4046A, CD74HCT4046A
High-Speed CMOS Logic
Phase-Locked Loop with VCO
[ /Title
(CD74
HC404
6A,
CD74
HCT40
46A)
/Sub-
ject
(High-
Speed
CMOS


Similar Part No. - CD74HC4046AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046AM TI-CD74HC4046AM Datasheet
316Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AM TI-CD74HC4046AM Datasheet
443Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
CD74HC4046AM TI2-CD74HC4046AM Datasheet
830Kb / 37P
High-Speed CMOS Logic Phase-Locked Loop with VCO
Revised December 2003
CD74HC4046AM.A TI2-CD74HC4046AM.A Datasheet
830Kb / 37P
High-Speed CMOS Logic Phase-Locked Loop with VCO
Revised December 2003
CD74HC4046AM96 TI-CD74HC4046AM96 Datasheet
316Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
More results

Similar Description - CD74HC4046AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
High-Speed CMOS Logic Digital Phase-Locked-Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
High-Speed CMOS Logic Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
High-Speed CMOS Logic Digital Phase-Locked Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com