Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046AMT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AMT
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AMT Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC4046AMT Datasheet HTML 1Page - Texas Instruments CD74HC4046AMT Datasheet HTML 2Page - Texas Instruments CD74HC4046AMT Datasheet HTML 3Page - Texas Instruments CD74HC4046AMT Datasheet HTML 4Page - Texas Instruments CD74HC4046AMT Datasheet HTML 5Page - Texas Instruments CD74HC4046AMT Datasheet HTML 6Page - Texas Instruments CD74HC4046AMT Datasheet HTML 7Page - Texas Instruments CD74HC4046AMT Datasheet HTML 8Page - Texas Instruments CD74HC4046AMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
Pinout
CD54HC4046A, CD54HCT4046A (CERDIP)
CD74HC4046A (PDIP, SOIC, SOP, TSSOP)
CD74HCT4046A (PDIP, SOIC)
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PCPOUT
PC1OUT
COMPIN
VCOOUT
INH
C1A
GND
C1B
VCC
SIGIN
PC2OUT
R2
R1
DEMOUT
VCOIN
PC3OUT
10
4
VCOOUT
DEMOUT
5
6
7
12
C1A
R1
VCOIN
INH
9
11
C1B
R2
15
1
13
2
PC1OUT
PC3OUT
PC2OUT
PCPOUT
14
3
COMPIN
SIGIN
φ
VCO
Pin Descriptions
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
PCPOUT
Phase Comparator Pulse Output
2
PC1OUT
Phase Comparator 1 Output
3
COMPIN
Comparator Input
4
VCOOUT
VCO Output
5
INH
Inhibit Input
6C1A
Capacitor C1 Connection A
7C1B
Capacitor C1 Connection B
8
GND
Ground (0V)
9
VCOIN
VCO Input
10
DEMOUT
Demodulator Output
11
R1
Resistor R1 Connection
12
R2
Resistor R2 Connection
13
PC2OUT
Phase Comparator 2 Output
14
SIGIN
Signal Input
15
PC3OUT
Phase Comparator 3 Output
16
VCC
Positive Supply Voltage
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com