Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4046AM96 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4046AM96
Description  High-Speed CMOS Logic Phase-Locked Loop with VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4046AM96 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD74HC4046AM96 Datasheet HTML 9Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 10Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 11Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 12Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 13Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 14Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 15Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 16Page - Texas Instruments CD74HC4046AM96 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
FIGURE 11. HC4046A TYPICAL CENTER FREQUENCY vs R1,
C1 (VCC = 4.5V)
FIGURE 12. HC4046A TYPICAL CENTER FREQUENCY vs R1,
C1 (VCC = 6V)
FIGURE 13. HC4046A TYPICAL CENTER FREQUENCY vs R1,
C1 (VCC = 3V, R2 = OPEN)
FIGURE 14. HCT4046A TYPICAL CENTER FREQUENCY vs R1,
C1 (VCC = 4.5V)
FIGURE 15. HCT4046A TYPICAL CENTER FREQUENCY vs R1,
C1 (VCC = 5.5V)
FIGURE 16. HC4046A TYPICAL VCO FREQUENCY vs VCOIN
(R1 = 1.5M
Ω, C1 = 50pF)
Typical Performance Curves (Continued)
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 4.5V
R1 = 2.2K
R1 = 22K
R1 = 220K
R1 = 2.2M
R1 = 11M
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 6.0V
R1 =3K
R1 = 30K
R1 =330K
R1 = 3M
R1 = 15M
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 3.0V
R2 = OPEN
R1 = 1.5K
R1 = 15K
R1 = 150K
R1 = 1.5M
R1 = 7.5M
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 4.5V
R1 = 2.2K
R1 = 22K
R1 = 220K
R1 = 2.2M
R1 = 11M
108
107
106
105
104
103
102
10
1
110
102
103
104
105
106
CAPACITANCE, C1 (pF)
VCOIN = 0.5 VCC
VCC = 5.5V
R1 = 3K
R1 = 30K
R1 = 300K
R1 = 3M
R1 = 15M
140
120
100
80
60
40
20
01
2
3
4
5
6
VCOIN (V)
C1 = 50pF
R1 = 1.5M
VCC = 3V
VCC = 4.5V
VCC = 6V
CD54HC4046A, CD74HC4046A, CD54HCT4046A, CD74HCT4046A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com