Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE401 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCE401
Description  OSCILLATOR IC WITH ELECTRONIC CALIBRATION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE401 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCE401 Datasheet HTML 5Page - Texas Instruments CDCE401 Datasheet HTML 6Page - Texas Instruments CDCE401 Datasheet HTML 7Page - Texas Instruments CDCE401 Datasheet HTML 8Page - Texas Instruments CDCE401 Datasheet HTML 9Page - Texas Instruments CDCE401 Datasheet HTML 10Page - Texas Instruments CDCE401 Datasheet HTML 11Page - Texas Instruments CDCE401 Datasheet HTML 12Page - Texas Instruments CDCE401 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
REGISTER DESCRIPTION
CDCE401
SCAS820 – JUNE 2006
WORD 0:
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
DEFAULT
0
C0
Register selection
W
0
1
C1
Register selection
W
0
2
CXI0
Load capacitance XIN, bit 0
W
0
3
CXI1
Load capacitance XIN, bit 1
W
0
4
CXI2
Load capacitance XIN, bit 2
W
0
5
CXI3
Load capacitance XIN, bit 3
W
0
6
CXI4
Load capacitance XIN, bit 4
W
0
7
CXI5
Load capacitance XIN, bit 5
W
1
8
CXI6
Load capacitance XIN, bit 6
W
1
9
CXI7
Load capacitance XIN, bit 7
W
0
WORD 1:
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
DEFAULT
0
C0
Register selection
W
1
1
C1
Register selection
W
0
2
CXO0
Load capacitance XOUT, bit 0
W
0
3
CXO1
Load capacitance XOUT, bit 1
W
0
4
CXO2
Load capacitance XOUT, bit 2
W
0
5
CXO3
Load capacitance XOUT, bit 3
W
0
6
CXO4
Load capacitance XOUT, bit 4
W
0
7
CXO5
Load capacitance XOUT, bit 5
W
1
8
CXO6
Load capacitance XOUT, bit 6
W
1
9
CXO7
Load capacitance XOUT, bit 7
W
0
WORD 2:
BIT
NAME
DESCRIPTION/FUNCTION
TYPE
DEFAULT
0
C0
Register selection
W
0
1
C1
Register selection
W
1
2
PD0
Post-divider selection, bit 0
W
0
3
PD1
Post-divider selection, bit 1
W
0
4
PD2
Post-divider selection, bit 2
W
0
5
OG0
Oscillator gain definition, bit 0(1)
W
1
6
OG1
Oscillator gain definition, bit 1(1)
W
1
7
OP0
Oscillator operating-point adjustment, bit 0(1)
W
0
8
OP1
Oscillator operating-point adjustment, bit 1(1)
W
0
9
OP2
Oscillator operating-point adjustment, bit 2(1)
W
0
(1)
The oscillator gain bits have impact on the capacitance CBASE. See the table for input capacitance values. The oscillator operating-point
bits OP[2:0] are used to set the bias point of the oscillator core stage. In combination with setting the post-divider ratio PD[2:0] = 111,
the current consumption can be optimized to set oscillator core current consumption for lower frequencies and higher frequencies. This
ensures that the oscillator core is in operating optimally for phase noise and low XTAL-drive power. Setting core power too high impacts
XTAL-drive power, which affects the lifetime of the crystal.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com