Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCF5801ADBQRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF5801ADBQRG4
Description  CLOCK MULTIPLIER WITH DELAY CONTROL AND PHASE ALIGNMENT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCF5801ADBQRG4 Datasheet(HTML) 2 Page - Texas Instruments

  CDCF5801ADBQRG4 Datasheet HTML 1Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 2Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 3Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 4Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 5Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 6Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 7Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 8Page - Texas Instruments CDCF5801ADBQRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
CDCF5801A
SCAS816 – MARCH 2006
The CDCF5801A provides clock multiplication and division from a reference clock (REFCLK) signal. The device
is optimized to have extremely low jitter impact from input to output. The predivider pins MULT[0:1] and
post-divider pins P[0:2] provide selection for frequency multiplication and division ratios, generating
CLKOUT/CLOUTKB frequencies ranging from 25 MHz to 280 MHz with clock input references (REFCLK) ranging
from 12.5 MHz to 240 MHz. See Table 1 for detailed frequency support. The selection of pins MULT[0:1] and
P[1:2] determines the multiplication value of 1, 2, 4, or 8. The CDCF5801A offers several power-down/
high-impedance modes, selectable by pins P0, STOPB and PWRDN. Another unique capability of the
CDCF5801A is the high sensitivity and wide common-mode range of the clock-input pin REFCLK by varying the
voltage on the VDDREF pin. The clock signal outputs CLKOUT and CLKOUTB can be used independently to
generate single-ended clock signals. The CLKOUT/CLKOUTB outputs can also be combined to generate a
differential output signal suitable for LVDS, LVPECL, or HSTL/SSTL signaling. The CDCF5801A is characterized
for operation over free-air temperatures of -40°C to 85°C.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com