Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41695 Datasheet(PDF) 3 Page - EPCOS

Part # B41695
Description  Axial-Lead and Soldering Star Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41695 Datasheet(HTML) 3 Page - EPCOS

  B41695 Datasheet HTML 1Page - EPCOS B41695 Datasheet HTML 2Page - EPCOS B41695 Datasheet HTML 3Page - EPCOS B41695 Datasheet HTML 4Page - EPCOS B41695 Datasheet HTML 5Page - EPCOS B41695 Datasheet HTML 6Page - EPCOS B41695 Datasheet HTML 7Page - EPCOS B41695 Datasheet HTML 8Page - EPCOS B41695 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
317 10/02
B41695 / B41795
Compact – Up to 150 °C
Dimensional drawings
Axial-lead capacitor
Dimensions, weights and packing units
d
× l
mm
dmax × lmax
mm
Approx. weight
g
Packing units (pieces)
Pallet
Reel
12
× 30
12,5
× 30,5
5,1
288
450
14
× 30
14,5
× 30,5
6,8
200
350
16
× 30
16,5
× 30,5
8,9
180
250
18
× 30
18,5
× 30,5
11,1
160
—
18
× 39
18,5
× 40
14,7
160
—
KAL0524-S
max
max
d
1,3+0,1
5
40 _
40 5
_
max +1,5
max +4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com