Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C512 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M27C512
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M27C512_07 Datasheet HTML 14Page - STMicroelectronics M27C512_07 Datasheet HTML 15Page - STMicroelectronics M27C512_07 Datasheet HTML 16Page - STMicroelectronics M27C512_07 Datasheet HTML 17Page - STMicroelectronics M27C512_07 Datasheet HTML 18Page - STMicroelectronics M27C512_07 Datasheet HTML 19Page - STMicroelectronics M27C512_07 Datasheet HTML 20Page - STMicroelectronics M27C512_07 Datasheet HTML 21Page - STMicroelectronics M27C512_07 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package mechanical
M27C512
18/22
Figure 11.
PDIP28 - 28 pin Plastic DIP, 600 mils width, Package Outline
1.
Drawing is not to scale.
PDIP
A2
A1
A
L
B1
B
e1
D
S
E1
E
N
1
C
α
eA
eB
D2
Table 15.
PDIP28 - 28 pin Plastic DIP, 600 mils width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
4.445
0.1750
A1
0.630
0.0248
A2
3.810
3.050
4.570
0.1500
0.1201
0.1799
B
0.450
0.0177
B1
1.270
0.0500
C
0.230
0.310
0.0091
0.0122
D
36.830
36.580
37.080
1.4500
1.4402
1.4598
D2
33.020
–
–
1.3000
–
–
E
15.240
0.6000
E1
13.720
12.700
14.480
0.5402
0.5000
0.5701
e1
2.540
–
–
0.1000
–
–
eA
15.000
14.800
15.200
0.5906
0.5827
0.5984
eB
15.200
16.680
0.5984
0.6567
L
3.300
0.1299
S
1.78
2.08
0.070
0.082
α
0°
10°
0°
10°
N28
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com