Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3D08065F Datasheet(PDF) 8 Page - SMC Diode Solutions Co. LTD

Part # S3D08065F
Description  650V SIC POWER SCHOTTKY RECTIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065F Datasheet(HTML) 8 Page - SMC Diode Solutions Co. LTD

Back Button S3D08065F Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 7Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 8Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 9Page - SMC Diode Solutions Co. LTD S3D08065F Datasheet HTML 10Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Data
Data Sheet N2425, REV. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065A
S3D08065E
S3D08065G
S3D08065F
S3D08065I
Mechanical Dimensions DPAK(TO-252-2)
SYMBOL
Dimensions in
millimeters
Min.
Typ.
Max.
A
2.18
-
2.39
A1
-
-
0.13
b
0.64
-
0.89
c
0.46
-
0.89
D
6.35
-
6.73
D1
4.95
-
5.46
D2
4.32
-
-
E
5.97
6.1
6.22
e
2.29BSC
L
9.4
-
10.41
L1
2.90 REF.
L2
1.4
1.52
1.78
L3
1.60 REF.
L4
-
-
1.02
Φ
1.1
-
1.3
Θ
0°
-
10°
V
5.21
-
-
Mechanical Dimensions D2PAK(TO-263-2)
Symbol
Dimensions in millimeters
Min.
Max.
A
4.06
4.83
A1
0
0.26
b
0.51
0.99
b1
1.14
1.78
c
0.31
0.74
c1
1.14
1.65
D
8.38
9.65
D1
6.40
E1
6.22
E2
9.65
10.67
e
2.54BSC
H
14.6
15.88
L
1.78
2.8
L1
-
1.68
L2
-
2.2
L3
0.255BSC
Θ
0
8°



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com