Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGAT Datasheet(PDF) 1 Page - Tyco Electronics

Part # CGAT
Description  Adhesive lined polyolefin heat-shrinkable tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CGAT Datasheet(HTML) 1 Page - Tyco Electronics

  CGAT Datasheet HTML 1Page - Tyco Electronics CGAT Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature rating
Ordering information
Standard colours
Operating temperature range:
-30°C to +80°C
Minimum shrink temperature:
+80°C
Minimum full recovery temperature:
+115°C
Inside diameter
Wall thickness
Standard package
D (min)
Expanded
as
supplied
d (max)
Recovered
after
heating
W (nom)
Recovered
after heating
Black
Clear
W1 (nom)
Meltable wall
recovered
after heating
1.22m
length
quantity
mm
mm
mm
mm
mm
m
Ordering description
3.0
1.0
1.00
1.00
0.5
30
CGAT-3/1-colour code
6.0
2.0
1.00
1.00
0.5
30
CGAT-6/2-colour code
9.0
3.0
1.35
1.40
0.6
30
CGAT-9/3-colour code
12.0
4.0
1.50
1.78
0.7
30
CGAT-12/4-colour code
18.0
6.0
1.70
2.25
0.8
30
CGAT-18/6-colour code
24.0
8.0
1.95
2.54
1.0
30
CGAT-24/8-colour code
39.0
13.0
2.10
2.54
1.0
12
CGAT-39/13-colour code
Colour
Black
Clear
Code
0
X
W1
W
d
D
• High strength bonding
• Moisture proof
• Environmental sealing
•3:1 shrink ratio
CGAT
Adhesive lined polyolefin
heat-shrinkable tubing
CGAT is a flexible polyolefin
heat-shrinkable tubing with an inner
meltable adhesive lining. It is ideal for the
environmental protection of electrical
components and the sealing of
connectors.
Typical applications are environmental
sealing for electrical components, wire
breakouts and cable jackets.


Similar Part No. - CGAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGAT-R-12 ETC2-CGAT-R-12 Datasheet
22Kb / 1P
RaySpool
CGAT-R-12/4-0 ETC2-CGAT-R-12/4-0 Datasheet
22Kb / 1P
RaySpool
CGAT-R-18/6-0 ETC2-CGAT-R-18/6-0 Datasheet
22Kb / 1P
RaySpool
CGAT-R-24/8-0 ETC2-CGAT-R-24/8-0 Datasheet
22Kb / 1P
RaySpool
CGAT-R-3/1-0 ETC2-CGAT-R-3/1-0 Datasheet
22Kb / 1P
RaySpool
More results

Similar Description - CGAT

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
Q5-4X QUALTEK-Q5-4X Datasheet
742Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
Q5-3000 QUALTEK-Q5-3000 Datasheet
726Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
QR3 QUALTEK-QR3 Datasheet
769Kb / 1P
HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
logo
Tyco Electronics
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
010083-000 MACOM-010083-000 Datasheet
1Mb / 42P
Semirigid Encapsulant-Lined, Polyolefin Tubing
063725P011 MACOM-063725P011 Datasheet
37Kb / 3P
Flame-retardant, adhesive-lined heat-shrinkable tubing (extended temperature range)
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
Adam Technologies, Inc.
HST-A-XXX-XX-X-SR31 ADAM-TECH-HST-A-XXX-XX-X-SR31 Datasheet
317Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev C
HST-A-XXX-XX-X-SR41 ADAM-TECH-HST-A-XXX-XX-X-SR41 Datasheet
292Kb / 2P
DUAL WALL ADHESIVE LINED HEAT SHRINK TUBING, FLAME RETARDANT POLYOLEFIN
Rev. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com