Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-222 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS-222
Description  Two-Channel Main Station
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS-222 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS-222 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS-222 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The CS-222 is a portable main station with carrying handle, power supply,
and a versatile intercom monitoring system. It supports two channels of intercom
with up to 30 headset stations or 10 speaker stations. It features Clear-Com’s
excellent speech intelligibility in both high and low noise environments.
MONITORING SYSTEM
The station can monitor intercom activity on one or both channels with
individual Listen Level controls. Monitoring intercom activity is possible
through a headset,
or external earphone or
speaker. The 4-watt out-
put amplifier can drive a
standard Clear-Com
headset to levels greater
than 110 dB SPL – more
than enough volume for
the noisiest environment.
TALK SELECTION
The station contains a mic preamp with limiter and proprietary speech-shap-
ing circuits for enhanced intelligibility. An individual electronic momentary/
latching talk button is provided for each channel. These buttons light dimly
when latched. The channels may be accessed separately simultaneously without
being tied together. To combine both channels in a single party line, a “Link”
switch is provided on the front panel.
STAGE ANNOUNCE
For paging applications, the station provides a balanced, line-level output
signal to a connector on the rear panel. The front panel Stage Announce button
activates the output and the Stage Announce relay.
SIGNALING
Visual “call” signaling attracts the attention of operators who have removed
their headsets or turned off their speakers. The station provides individual Call
buttons for each channel to signal all stations on the channel(s).
When a remote station operator sends a Call signal, the CS-222’s associated
Talk button lights brightly. The Visual Signal circuit is also used to activate the
optional remote page feature at other stations.
FEATURES
• Portable, heavy-duty enclosure
with carry handle
• Supports up to 30 beltpacks or
10 speaker stations on 2 channels
• Automatic short-circuit protection
and reset with LED indicators
• Dual-action electronic momen-
tary/latching “Talk” buttons
• Mic- or line-level program with
selectable “Program Interrupt”
• “Remote Mic Kill”
• Stage announce with relay
• Individual volume controls for
each channel
• Front-panel headphone connector
• Channel A & B “Link” switch to
operate as a one-channel system
• Front-panel speaker output
• U.L. approved
CS-222
Two-Channel Main Station
CS-222 Back Panel
CS-222 Front Panel


Similar Part No. - CS-222

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS-222-K PREMO-CS-222-K Datasheet
192Kb / 1P
Coils and Chokes for general use
More results

Similar Description - CS-222

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130126-0199 MOLEX2-130126-0199 Datasheet
31Kb / 1P
Two Button Station, Single Speed
130126-0199 MOLEX11-130126-0199 Datasheet
42Kb / 1P
Two Button Station, Single Speed
130126-0200 MOLEX11-130126-0200 Datasheet
42Kb / 1P
Super-Safeway Two Button Station, Two Speed
130126-0206 MOLEX11-130126-0206 Datasheet
31Kb / 1P
Super-Safeway Two Button Station Replacement Coverplate
1301260199 MOLEX11-1301260199 Datasheet
35Kb / 1P
Two Button Station, Single Speed
1301260200 MOLEX11-1301260200 Datasheet
46Kb / 1P
Super-Safeway Two Button Station, Two Speed
1301260199 MOLEX1-1301260199_17 Datasheet
34Kb / 1P
Two Button Station, Single Speed
1301260200 MOLEX1-1301260200_17 Datasheet
34Kb / 1P
Super-Safeway Two Button Station, Two Speed
1301260205 MOLEX1-1301260205_17 Datasheet
29Kb / 1P
Super-Safeway Two Button Station, Replacement Gasket
1301260199 MOLEX-1301260199 Datasheet
34Kb / 1P
Two Button Station, Single Speed
07/28/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com