Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5652 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5652
Description  DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5652 Datasheet(HTML) 1 Page - Texas Instruments

  DAC5652 Datasheet HTML 1Page - Texas Instruments DAC5652 Datasheet HTML 2Page - Texas Instruments DAC5652 Datasheet HTML 3Page - Texas Instruments DAC5652 Datasheet HTML 4Page - Texas Instruments DAC5652 Datasheet HTML 5Page - Texas Instruments DAC5652 Datasheet HTML 6Page - Texas Instruments DAC5652 Datasheet HTML 7Page - Texas Instruments DAC5652 Datasheet HTML 8Page - Texas Instruments DAC5652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
DAC5652
SLAS452A – MARCH 2005 – REVISED FEBRUARY 2006
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
•
Cellular Base Transceiver Station Transmit
•
10-Bit Dual Transmit Digital-to-Analog
Channel
Converter (DAC)
– CDMA: W-CDMA, CDMA2000, IS-95
•
275 MSPS Update Rate
– TDMA: GSM, IS-136, EDGE/UWC-136
•
Single Supply: 3.0 V to 3.6 V
•
Medical/Test Instrumentation
•
High Spurious-Free Dynamic Range (SFDR):
•
Arbitrary Waveform Generators (ARB)
80 dBc at 5 MHz
•
Direct Digital Synthesis (DDS)
•
High Third-Order Two-Tone Intermodulation
•
Cable Modem Termination System (CMTS)
(IMD3): 78 dBc at 15.1 MHz and 16.1 MHz
•
Independent or Single Resistor Gain Control
•
Dual or Interleaved Data
•
On-Chip 1.2-V Reference
•
Low Power: 290 mW
•
Power-Down Mode: 9 mW
•
Package: 48-Pin Thin-Quad Flat Pack (TQFP)
The DAC5652 is a monolithic, dual-channel, 10-bit, high-speed DAC with on-chip voltage reference.
Operating with update rates of up to 275 MSPS, the DAC5652 offers exceptional dynamic performance,
tight-gain, and offset matching characteristics that make it suitable in either I/Q baseband or direct IF
communication applications.
Each DAC has a high-impedance, differential-current output, suitable for single-ended or differential
analog-output configurations. External resistors allow scaling of the full-scale output current for each DAC
separately or together, typically between 2 mA and 20 mA. An accurate on-chip voltage reference is
temperature-compensated and delivers a stable 1.2-V reference voltage. Optionally, an external reference may
be used.
The DAC5652 has two, 10-bit, parallel input ports with separate clocks and data latches. For flexibility, the
DAC5652 also supports multiplexed data for each DAC on one port when operating in the interleaved mode.
The DAC5652 has been specifically designed for a differential transformer-coupled output with a 50-
Ω
doubly-terminated load. For a 20-mA full-scale output current, both a 4:1 impedance ratio (resulting in an output
power of 4 dBm) and 1:1 impedance ratio transformer (–2 dBm output power) are supported.
The DAC5652 is available in a 48-pin TQFP package. Pin compatibility between family members provides 10-bit
(DAC5652), 12-bit (DAC5662), and 14-bit (DAC5672) resolution. Furthermore, the DAC5652 is pin compatible to
the DAC2900 and AD9763 dual DACs. The device is characterized for operation over the industrial temperature
range of –40°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC5652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI2-DAC5652 Datasheet
512Kb / 30P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2013
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652-EP TI2-DAC5652-EP Datasheet
512Kb / 30P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
REVISED APRIL 2013
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC5652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A Datasheet
644Kb / 25P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI1-DAC5662 Datasheet
680Kb / 25P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662A TI1-DAC5662A Datasheet
655Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI-DAC5652A_15 Datasheet
645Kb / 26P
DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5662 TI-DAC5662_15 Datasheet
683Kb / 26P
DUAL, 12-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652A_1809 TI1-DAC5652A_1809 Datasheet
1Mb / 34P
Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com