Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST12 Datasheet(PDF) 5 Page - SMC Diode Solutions Co. LTD

Part # SST12
Description  12A TRIACs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SST12 Datasheet(HTML) 5 Page - SMC Diode Solutions Co. LTD

  SST12 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SST12 Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Technical Data
Data Sheet N2145, Rev.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SST12 Series
FIG.6: Relative variations of gate trigger current,
holding current and latching current versus
junction temperature
FIG.5: Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp<20ms, and
corresponging value of I t (dI/dt( - - ) < 50A/μs)
tp(ms)
0.01
0.1
1
10 20
10
100
1000
ITSM (A), I t (A s)
-40 -20
0
20
40
60
80 100 120 140
IGT,IH,IL(Tj) /IGT,IH,IL(Tj=25℃)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
2
2
Tj (℃)
IH&IL
IGT
2000
I t2
ITSM
dI/dt( - - )
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the SMC Diode Solutions sales department for the latest version of
the datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall SMC Diode Solutions be liable for any damages that may result from an accident or any other cause during
operation of the user’s units according to the datasheet(s). SMC Diode Solution assumes no responsibility for any intellectual property
claims or any other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall SMC Diode Solutions be liable for any failure in a semiconductor device or any secondary damage resulting from use
at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or SMC Diode Solutions.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of SMC
Diode Solutions.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will
hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third
party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and
regulations..
FIG.3: Surge peak on-state current versus
number of cycles
FIG.4: On-state characteristics (maximum
values)
1
10
100
1000
Number of cycles
0
30
60
90
120
ITSM (A)
ITM (A)
VTM (V)
0
1
2
3
4
5
1
10
100
Tj=25℃
150
200
Tj=Tjmax
t=20ms
One cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com