Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX014V Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SX014V
Description  Sensitive gate SCRs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SX014V Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SX014V Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 4Page - SMC Diode Solutions Co. LTD SX014V Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2048, Rev.A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SX014V
SX014CR
Electrical Characteristics(Tj=25℃ unless otherwise specified)
Symbol
Condition
Min.
Typ.
Max.
Units
IGT
VD=12V RL=33Ω
20
50
200
μA
VGT
-
0.6
0.8
V
VGD
VD=VDRM Tj=110℃
0.2
-
-
V
IL
IG=1.2 IGT
-
-
5
mA
IH
IT=0.05A
-
-
4
mA
dV/dt
VD=537V Tj=110℃ RGK=1KΩ
200
-
-
V/μs
Static Characteristics
Symbol
Condition
Max.
Units
VTM
IT=4A tp=380μs,Tj=25℃
1.5
V
IDRM
VD=VDRM VR=VRRM, Tj=25℃
5
μA
IRRM
VD=VDRM VR=VRRM, Tj=110℃
100
μA
Thermal Resistances
Symbol
Condition
Value
Units
Rth(j-c)
Junction to case
TO-92CR
57
℃
/W
SOT-223
20
Ordering Information
Device
Package
Shipping
SX014V
SOT-223
4000pcs/ reel
SX014VTR
SOT-223
4000pcs/ reel
SX014CR
TO-92CR
1000pcs/ bag
S
X
014 V
SMC Diode Solutions
Sensitive gate SCRs
V:SOT-223
CR:TO-92CR
IT(RMS):1.25A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com