Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1205-252 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1205-252
Description  Silicon PNP Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1205-252 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1205-252 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1205-252 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1205-252 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon PNP Power Transistor
2SB1205
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -60mA
-0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -3A; IB= -60mA
-1.3
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -10uA; IB= 0
-25
V
V(BR)CEO
Collector-Emitter Breakdown Voltage IC= -1mA; IB= 0
-20
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -10uA; IC= 0
-5
V
ICBO
Collector Cutoff Current
VCB= -20V; IE= 0
-0.5
uA
IEBO
Emitter Cutoff Current
VEB= -4V; IC= 0
-0.5
uA
hFE1
DC Current Gain
IC= -0.5A; VCE= -2V
100
400
hFE2
DC Current Gain
IC= -4A; VCE= -2V
60
COB
Output Capacitance
IE= 0; VCB= -10V; f= 1.0MHz
60
pF
fT
Current-Gain—Bandwidth Product
IC= -0.2A; VCE= -5V
320
MHz
hFE Classifications
R
S
T
100-200 140-280 200-400



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com