Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

121MPE113 Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # 121MPE113
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

121MPE113 Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  121MPE113 Datasheet HTML 1Page - RUBYCON CORPORATION 121MPE113 Datasheet HTML 2Page - RUBYCON CORPORATION 121MPE113 Datasheet HTML 3Page - RUBYCON CORPORATION 121MPE113 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATED VOLTAGE : 1600VDC/700VAC
DIMENSIONS AND QUANTITY
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
161MPE102
**
161MPE112
**
161MPE122
**
161MPE132
**
161MPE152
**
161MPE162
**
161MPE182
**
161MPE202
**
161MPE222
**
161MPE242
**
161MPE272
**
161MPE302
**
161MPE332
**
161MPE362
**
161MPE392
**
161MPE432
**
161MPE472
**
161MPE512
**
161MPE562
**
161MPE622
**
161MPE682
**
161MPE752
**
161MPE822
**
161MPE912
**
161MPE103
**
161MPE113
**
161MPE123
**
161MPE133
**
161MPE153
**
161MPE163
**
161MPE183
**
161MPE203
**
161MPE223
**
161MPE243
**
161MPE273
**
161MPE303
**
161MPE333
**
AB
C
F
0.5 LS 0.5
d
Bag
Carton
A
B, D
C
E
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
7.5
7.5
7.5
7.5
8.5
8.5
8.5
8.5
8.5
8.5
9.5
10.0
11.0
11.5
12.0
12.0
12.5
13.5
15.0
15.5
16.0
17.0
18.0
19.0
8.0
8.0
8.0
9.0
9.0
10.5
10.5
12.5
12.5
12.5
13.0
14.5
14.5
14.5
15.0
15.0
15.5
16.0
16.5
16.5
17.0
17.5
17.5
18.0
18.5
19.5
20.0
20.5
22.5
22.0
24.0
24.0
25.5
26.5
27.0
28.0
28.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
100
100
100
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
100
100
4,000
4,000
4,000
3,000
3,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
500
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
S
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
400
400
400
400
400
400
300
300
-
-
-
-
-
-
-
-
-
-
-
-
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
400
300
300
300
300
300
300
300
300
-
-
-
-
-
-
-
-
-
-
-
-
0.001
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.002
0.0022
0.0024
0.0027
0.003
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.01
0.011
0.012
0.013
0.015
0.016
0.018
0.02
0.022
0.024
0.027
0.03
0.033
Long Lead type
Taping Ammo pack type - style
:Tolerance (H:
3%, J:
5%)
** : Suffix
PERMISSIBLE CURRENT FOR FREQUENCY
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE
cap(
µF)
+
-
+
-
+
-
+
-
TC
TX, TH TL, TJ
TN
TS
Frequency (kHz)
161MPE
0
1
2
3
4
5
10
100
1000
333
223
103
682
472
332
222
102
152



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com