Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12SCIV2/D Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # S12SCIV2/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12SCIV2/D Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button S12SCIV2/D Datasheet HTML 81Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 82Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 83Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 84Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 85Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 86Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 87Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 88Page - Freescale Semiconductor, Inc S12SCIV2/D Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
There are two MSCAN modules (CAN0 and CAN1) implemented on the MC9S12H256 device. Consult
the MSCAN Block User Guide for information on each MSCAN.
Section 19 PWM Motor Control (MC) Block Description
Consult the MC_10B12C Block User Guide for information about the PWM Motor Control module.
Section 20 Port Integration Module (PIM) Block Description
Consult the PIM_9H256 Block User Guide for information about the Port Integration Module.
Section 21 Voltage Regulator (VREG) Block Description
Consult the VREG Block User Guide for information about the dual output linear voltage regulator.
21.1 Device-specific information
21.1.1 VREGEN
There is no VREGEN pin implemented on this device.
21.1.2 Modes of Operation
21.1.2.1 Run Mode
VREG enters run mode whenever the CPU is neither in Stop nor in Pseudo Stop mode. Both regulating
loops operate in Run mode with full performance.
21.1.2.2 Standby Mode
VREG enters Standby mode when the CPU operates either in Stop or in Pseudo Stop mode. The supply of
the core logic as well as the oscillators are derived from two voltage clamps. Standby mode minimizes
quiescent current drawn by the voltage regulator block.
21.1.2.3 Shutdown Mode
VREG Shutdown mode is not available on MC9S12H family devices.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com