Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S12PWM8B6CV1/D Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # S12PWM8B6CV1/D
Description  Device User Guide V01.18
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S12PWM8B6CV1/D Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button S12PWM8B6CV1/D Datasheet HTML 31Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 32Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 33Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 34Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 35Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 36Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 37Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 38Page - Freescale Semiconductor, Inc S12PWM8B6CV1/D Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
MC9S12H256 Device User Guide — V01.18
$0063
PACNT (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0064
Reserved
Read:
Write:
$0065
Reserved
Read:
Write:
$0066
Reserved
Read:
Write:
$0067
Reserved
Read:
Write:
$0068
Reserved
Read:
Write:
$0069
Reserved
Read:
Write:
$006A
Reserved
Read:
Write:
$006B
Reserved
Read:
Write:
$006C
Reserved
Read:
Write:
$006D
TIMTST
Test Only
Read:
000000
TCBYP
PCBYP
Write:
$006E
Reserved
Read:
Write:
$006F
Reserved
Read:
Write:
$0070 - $007F
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0070 -
$007F
Reserved
Read:
00000000
Write:
$0080 - $00AF
ATD (Analog to Digital Converter 10 Bit 16 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0080
ATDCTL0
Read:
00000000
Write:
$0081
ATDCTL1
Read:
00000000
Write:
$0082
ATDCTL2
Read:
ADPU
AFFC
AWAI
ETRIGLE ETRIGP
ETRIG
ASCIE
ASCIF
Write:
$0083
ATDCTL3
Read:
S1C
FIFO
FRZ1
FRZ0
Write:
$0084
ATDCTL4
Read:
SRES8
PRS3
PRS2
PRS1
PRS0
Write:
$0085
ATDCTL5
Read:
DJM
CD
CC
CB
CA
Write:
$0040 - $006F
TIM (Timer 16 Bit 8 Channels)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com