Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD072SC150A Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # SD072SC150A
Description  SILICON SCHOTTKY RECTIFIER DIE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SD072SC150A Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  SD072SC150A Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SD072SC150A Datasheet HTML 2Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
DATA SHEET D0107 REV. -
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
SD072SC150A
SILICON SCHOTTKY RECTIFIER DIE
Applications:
 Switching Power Supply  Converters  Free-Wheeling Diodes  Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
150
V
Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form
5
A
Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, Sine pulse (1)
120
A
Junction Temperature
TJ
-
-55 to +200
C
Storage Temperature
Tstg
-
-55 to +200
C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Forward Voltage Drop
VF1
@ 5A, Pulse, TJ = 25 C
0.89
V
VF2
@ 5A, Pulse, TJ = 125 C
0.74
V
Reverse Current
IR1
@VR = 150V, Pulse,
TJ = 25 C
0.15
mA
IR2
@VR = 150V, Pulse,
TJ = 125 C
2.8
mA
Junction Capacitance
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz,
VSIG = 50mV (p-p)
165
pF
(1)
in SHD package


Similar Part No. - SD072SC150A

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SD07 LEIDITECH-SD07 Datasheet
1Mb / 4P
1-Line Ui-directional TVS Diode
Rev : 01.06.2021
SD0701P4-3 LEIDITECH-SD0701P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
logo
Advanced Photonix, Inc.
SD076-11-31-211 ADVANCEDPHOTONIX-SD076-11-31-211 Datasheet
96Kb / 1P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Luna Innovations Incorp...
SD076-11-31-211 LUNA-SD076-11-31-211 Datasheet
189Kb / 2P
Red Enhanced Ultra Low Capacitance Silicon Photodiode
logo
Advanced Photonix, Inc.
SD076-14-21-011 ADVANCEDPHOTONIX-SD076-14-21-011 Datasheet
95Kb / 1P
Red Enhanced High Performance Silicon Photodiode
More results

Similar Description - SD072SC150A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SD060SA30A SENSITRON-SD060SA30A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD090SC200A SENSITRON-SD090SC200A Datasheet
56Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD125SB100A SENSITRON-SD125SB100A Datasheet
195Kb / 2P
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD125SCU200A SENSITRON-SD125SCU200A Datasheet
185Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Ultra-low Reverse Leakage
SD175SA45A SENSITRON-SD175SA45A Datasheet
54Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE
SD200SB100A SENSITRON-SD200SB100A Datasheet
61Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage
SD275SB45A SENSITRON-SD275SB45A Datasheet
182Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop
SD040SE45A SENSITRON-SD040SE45A Datasheet
61Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SD15A SENSITRON-SD040SD15A Datasheet
62Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Extremely Low Forward Voltage Drop
SD040SB100A SENSITRON-SD040SB100A Datasheet
143Kb / 3P
SILICON SCHOTTKY RECTIFIER DIE Low Forward Voltage Drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com