Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

161MPE112 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 161MPE112
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

161MPE112 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  161MPE112 Datasheet HTML 1Page - RUBYCON CORPORATION 161MPE112 Datasheet HTML 2Page - RUBYCON CORPORATION 161MPE112 Datasheet HTML 3Page - RUBYCON CORPORATION 161MPE112 Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OUTLINE
(mm)
SPECIFICATIONS
3%(H),
5%(J)
0.001max at 1kHz
UR ×150% 60s
30,000MΩmin
JIS C 5101-17, JIS C 5101-1
800VDC/250VAC, 1250VDC/400VAC, 1600VDC/700VAC
Rated voltage (UR)
Category temperature
Voltage proof
Insulation resistance
Reference standard
Capacitance tolerance
tan
δ
PART NUMBER
Rated Voltage
MPE
Series
Sub mark
Suffix
Rated capacitance
Tolerance
Blank
Symbol
800
UR
800VDC/250VAC
121
1250VDC/400VAC
161
1600VDC/700VAC
Symbol
H
J
Tolerance
3%
5%
Symbol
Blank
S7
W7
Lead style
Long lead type
Lead forming cut
LS=7.5
Symbol
TJ
TN
Lead style
Style C, Ammo pack
P=25.4 Po=12.7 LS=5.0
Style E, Ammo pack
P=30.0 Po=15.0 LS=7.5
Lead forming cut
LS=5.0
S7,W7
Style C,E
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE
SERIES
MPE
FEATURES
• Up the corona discharge characteristics by 3 section series construction.
• For applications where high frequency, high voltage are like electronic ballast, etc.
• Coated with flame-retardant (UL94 V-0) epoxy resin.
• RoHS compliance.
-40°C∼+105°C
+
-
+
-
+
-
+
-


Similar Part No. - 161MPE112

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
161MPE112HS7 RUBYCON-161MPE112HS7 Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE112HTJ RUBYCON-161MPE112HTJ Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE112HTN RUBYCON-161MPE112HTN Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE112HW7 RUBYCON-161MPE112HW7 Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE112JS7 RUBYCON-161MPE112JS7 Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 161MPE112

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com