Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F801 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F801
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F801 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F801 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
56F801 Description
56F801 Technical Data, Rev. 16
Freescale Semiconductor
5
•
Eleven multiplexed General Purpose I/O (GPIO) pins
•
Computer-Operating Properly (COP) watchdog timer
•
One dedicated external interrupt pin
•
External reset pin for hardware reset
•
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
•
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
•
Oscillator flexibility between either an external crystal oscillator or an on-chip relaxation oscillator for
lower system cost and two additional GPIO lines
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
Uses a single 3.3V power supply
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
1.2 56F801 Description
The 56F801 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and
compact program code, the 56F801 is well-suited for many applications. The 56F801 includes many
peripherals that are especially useful for applications such as motion control, smart appliances, steppers,
encoders, tachometers, limit switches, power supply and control, automotive control, engine
management, noise suppression, remote utility metering, and industrial control for power, lighting, and
automation.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
DSP and MCU applications. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F801 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F801 also provides one external
dedicated interrupt lines and up to 11 General Purpose Input/Output (GPIO) lines, depending on peripheral
configuration.
The 56F801 controller includes 8K words (16-bit) of Program Flash and 2K words of Data Flash (each
programmable through the JTAG port) with 1K words of both Program and Data RAM. A total of 2K
words of Boot Flash is incorporated for easy customer-inclusion of field-programmable software routines
that can be used to program the main Program and Data Flash memory areas. Both Program and Data Flash
memories can be independently bulk erased or erased in page sizes of 256 words. The Boot Flash memory
can also be either bulk or page erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com