Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSE570 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSE570
Description  Bipolar Stepper Motor Drive Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MSE570 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSE570 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSE570 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSE570 data sheet
Page 2 of 5
Issue 002
Motor
Pins 4 a & c, 6 a & c
Motor phase A should be connected between 4 a & c
and 6 a & c.
Pins 8 a & c, 10 a & c
Motor phase B should be connected between 8 a & c
and 10 a & c.
Phase A’
Phase A
Phase B’
Phase B
4 lead motor
max drive current = motor phase current rating
Phase A’
Phase A
Phase B’
Phase B
6 lead motor - both coils
max drive current = motor phase current rating /
√2
Phase A’
Phase A
Phase B’
Phase B
6 lead motor - one coil
max drive current = motor phase current rating
Phase A’
Phase A
Phase B’
Phase B
8 lead motor - coils in parallel
max drive current = motor phase current rating x
√2
Phase A’
Phase A
Phase B’
Phase B
8 lead motor - coils in series.
max drive current = motor phase current rating /
√2
To reverse sense or direction swap the connections to
one phase. E.g. swap phase B with phase B’.
Control inputs
Pin 14 a
Direction control input. Pulling this input low will reverse
the direction of rotation of the motor
Pin 14 c
Step pulse input. The motor will increment one step on a
high to low transition on this input. The pulse should be
low for 10
µS minimum. Maximum frequency 20KHz.
Pin 16 a
Full/half step control input. If this input is high (or
unconnected), full step drive will be generated giving
200 steps per revolution of a hybrid stepper motor. If it is
pulled low, then half step drive will be generated giving
400 steps per revolution. This input would not normally
be changed during use as the unit may enter a wave
drive mode (full step with only one phase on).
The use of half step reduces problems with resonance.
Pin 16 c
Reset input. Pulling this input low will set the internal
logic to give the home phase output and therefore the
home output will be on. This may also be used to reset
an error condition such as overload or overtemperature.
Pin 18 a
Output disable input. Pulling this input low will disable
the motor output current. There will then be no motor
torque and it may be rotated by hand.
These control inputs are CMOS schmitt trigger inputs
operating at +12V with 10K
Ω pull-up resistors and diode
isolation. The control options are as follows:
0V common
Input
CMOS output operating at +12V
0V common
Input
Open collector TTL output (e.g. 7406, 7407)
0V common
Input
Opto isolator
0V common
Input
Switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com