Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F805 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 56F805
Description  16-bit Digital Signal Controllers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 56F805 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 9Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Introduction
56F805 Technical Data, Rev. 15
Freescale Semiconductor
9
Figure 2-1 56F805 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F805
Power Port
Ground Port
Power Port
Ground Port
PLL
and
Clock
External
Address Bus or
GPIO
External
Data Bus
External
Bus Control
Dedicated
GPIO
SCI0 Port
or GPIO
SCI1 Port
or GPI0
VDD
VSS
VDDA
VSSA
VCAPC
VPP
EXTAL
XTAL
CLKO
A0-A5
A6-7 (GPIOE2-E3)
A8-15 (GPIOA0-A7)
D0–D15
PS
DS
RD
WR
PHASEA0 (TA0)
PHASEB0 (TA1)
INDEX0 (TA2)
HOME0 (TA3)
PHASEA1 (TB0)
PHASEB1 (TB1)
INDEX1 (TB2)
HOME1 (TB3)
TCK
TMS
TDI
TDO
TRST
DE
Quadrature
Decoder0 or
Quad Timer A
JTAG/OnCE
™
Port
GPIOB0–7
GPIOD0–5
PWMA0-5
ISA0-2
FAULTA0-3
PWMB0-5
ISB0-2
FAULTB0-3
SCLK (GPIOE4)
MOSI (GPIOE5)
MISO (GPIOE6)
SS (GPIOE7)
TXD0 (GPIOE0)
RXD0 (GPIOE1)
TXD1 (GPIOD6)
RXD1 (GPIOD7)
ANA0-7
VREF
MSCAN_RX
MSCAN_TX
TC0-1
TD0-3
IRQA
IRQB
RESET
RSTO
EXTBOOT
PWMB
Port
Quad
Timers
C & D
ADCA
Port
Other
Supply
Ports
8
8*
1
1
2
1
1
1
1
6
2
8
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
8
6
6
3
4
6
3
4
1
1
1
1
1
1
1
1
8
1
1
1
2
4
1
1
1
1
1
Quadrature
Decoder1 or
Quad Timer B
PWMA
Port
SPI Port
or GPIO
CAN
*includes TCS pin which is reserved for factory use and is tied to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com