Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8065102 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8065102
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8065102 Datasheet(HTML) 1 Page - Festo Corporation.

  8065102 Datasheet HTML 1Page - Festo Corporation. 8065102 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBL-M8G4-E-0.5-N-M8G4
Part number: 8065102
General operating condition
Data sheet
Feature
Value
Conforms to standard
EN 61076-2-104
Certification
c UL us - Listed (OL)
Explosion prevention and protection
Observe the information on the certificate
Zone 2 (ATEX)
Zone 22 (ATEX)
Certificate issuing authority
UL E253748
Cable designation
Without label holder
Product weight
38 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Straight
Electrical connection 1, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 1, number of pins/wires
4
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock with hexagon AF 9 and longitudinal knurl
Electrical connection for input 1, connection pattern
00991872
Electrical connection 2, function
Control side
Electrical connection 2, design
Round
Electrical connection 2, connection type
Plug
Electrical connection 2, cable outlet
Straight
Electrical connection 2, connection technology
M8x1 A-coded as per EN 61076-2-104
Electrical connection 2, number of pins/wires
4
Electrical connection 2, occupied pins/wires
4
Electrical connection 2, type of mounting
Screw-type lock with hexagon AF 9 and longitudinal knurl
Electrical connection 2, connection pattern
00991171
DC operating voltage range
0 V ... 30 V
Nominal operating voltage DC
24 V
Operating voltage range AC
0 V ... 30 V
Nominal operating voltage AC
24 V
Current rating at 40° C
5.2 A
Surge resistance
0.8 kV
Protective earth connection
Not available
Shield
no
Cable length
0.5 m
Cable characteristic
Suitable for energy chains
5/15/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8065102

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8065103 FESTO-8065103 Datasheet
75Kb / 2P
Connecting cable
8065104 FESTO-8065104 Datasheet
81Kb / 2P
Connecting cable
8065105 FESTO-8065105 Datasheet
74Kb / 2P
Connecting cable
8065106 FESTO-8065106 Datasheet
82Kb / 2P
Connecting cable
8065107 FESTO-8065107 Datasheet
75Kb / 2P
Connecting cable
More results

Similar Description - 8065102

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com