Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA64 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SMA64
Description  Cascadable Amplifier 10 to 1200 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA64 Datasheet(HTML) 1 Page - Tyco Electronics

  SMA64 Datasheet HTML 1Page - Tyco Electronics SMA64 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
>7: 574
+?
0 . @6 /
(4
-( -=4
5 * : 7 + =-?+
0 . @6 /
A> 2= >7: 6(=+? ;? 4= 4
75 27'
>4
5?=24 @ B1
7C
*
'()
>7:
+: 2
. @6 /
!
" =
2
#
"&D
,!C " " $
" !
!$
$ !,#
!
! #
!
! " ,"
D &
"
, D#
!
D E
#
,!
# &
#
3 #
!
3
D
D !
%$ ! & !,
=!
3 ;< D
!,!
E ! $
#
$ *
D #
!
0 " 7*
! +$
' $! #
E ,
"
&
C ! '4>*+ ;*
!3 !
!
! !,
3
D
&
.
/
0 &
/ .
1
2 /
=
7*
+'=
+$
' $!
<=
FF
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
G<
9
G<
<
#
$
9
G<
;<
,
9
< ! !$ $ 4!#$ 6
0
+"
4!#$ #
.
!$
/
:
6
E6
. H
/
:
I+J+
0$ !*4!
#
$
.
/
9
G<
#
!
!
5
/
"
2
!
KL
G< :
!
6
;
#
! 6
:
M$!
!
#
$
2
=D 3 <
L
G<
F73
#
$
#
!
#
!$ D
<=
C,$
!
<
9
< ! &
FF "
!!
)
3
!
!
2 (
#
!


Similar Part No. - SMA64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA64 MACOM-SMA64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
MIC GROUP RECTIFIERS
SMA64 MIC-SMA64 Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA64 MA-COM-SMA64 Datasheet
650Kb / 3P
Cascadable Amplifier
logo
SUNMATE electronic Co.,...
SMA64 SUNMATE-SMA64 Datasheet
1Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
MIC GROUP RECTIFIERS
SMA64A MIC-SMA64A Datasheet
65Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMA64

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A64 MACOM-A64 Datasheet
110Kb / 1P
10 TO 1200 MHz CASCADABLE AMPLIFIER
A16-2 MACOM-A16-2 Datasheet
357Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A21-1 MACOM-A21-1_1 Datasheet
365Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MACOM-A1211_1 Datasheet
381Kb / 2P
Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
SMA21-1 MA-COM-SMA21-1 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A64 MA-COM-A64 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A66 MA-COM-A66 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 1200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com