Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD5525B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD5525B
Description  0.5W Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD5525B Datasheet(HTML) 2 Page - Silicon Supplies

  CD5525B Datasheet HTML 1Page - Silicon Supplies CD5525B Datasheet HTML 2Page - Silicon Supplies CD5525B Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings1 T
A = 25°C unless otherwise stated
PARAMETER
0.5W Zener Diode - CD5538B to CD5546B
Rev 1.0
05/04/19
SYMBOL
VALUE
UNIT
Power Dissipation
2
PTOT
500
mW
Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to +175
°C
Forward Voltage @ IF = 200mA
VF
1.1
V
ZENER
VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
ZENER
3
IMPEDANCE
ZENER
REG
4
LOW VZ
CURRENT
MAX
CURRENT
NOISE
DENSITY
VZ @ IZT
IZT
IR @ VR
ZZT @ IZT
∆VZ
IZL
IZM
ND @
250µA
V
DEVICE
µA
Ω
V
mA
mA
µV/√Hz
mA
V
Max.
Nom.
Max.
Typ.
Typ.
Max.
Max.
CD5518B
3.3
20
5.0
1.0
26
0.90
2.0
115
0.5
CD5519B
3.6
20
3.0
1.0
24
0.90
2.0
105
0.5
CD5520B
3.9
20
1.0
1.0
22
0.85
2.0
98
0.5
CD5521B
4.3
20
3.0
1.5
18
0.75
2.0
88
0.5
CD5522B
4.7
10
2.0
2.0
22
0.60
1.0
81
0.5
CD5523B
5.1
5.0
2.0
2.5
26
0.65
0.25
75
0.5
CD5524B
5.6
3.0
2.0
3.5
30
0.30
0.25
68
1.0
CD5525B
6.2
1.0
1.0
5.0
30
0.20
0.01
61
1.0
CD5526B
6.8
1.0
1.0
6.2
30
0.10
0.01
56
1.0
CD5527B
7.5
1.0
0.5
6.8
35
0.05
0.01
51
2.0
CD5528B
8.2
1.0
0.5
7.5
40
0.05
0.01
46
4.0
CD5529B
9.1
1.0
0.1
8.2
45
0.05
0.01
42
4.0
CD5530B
10.0
1.0
0.05
9.1
60
0.10
0.01
38
4.0
CD5531B
11.0
1.0
0.05
9.9
80
0.20
0.01
35
5.0
CD5532B
12.0
1.0
0.05
10.8
90
0.20
0.01
32
10
CD5533B
13.0
1.0
0.01
11.7
90
0.20
0.01
29
15
CD5534B
14.0
1.0
0.01
12.6
100
0.20
0.01
27
20
CD5535B
15.0
1.0
0.01
13.5
100
0.20
0.01
25
20
CD5536B
16.0
1.0
0.01
14.4
100
0.20
0.01
24
20
CD5537B
17.0
1.0
0.01
15.3
100
0.20
0.01
22
20
CD5538B
18.0
1.0
0.01
16.2
100
0.20
0.01
21
20
CD5539B
19.0
1.0
0.01
17.1
100
0.20
0.01
20
20
Electrical Characteristics T
A = 25°C unless otherwise stated
Page 2 of 3
www.siliconsupplies.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com