Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56366 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56366 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button DSP56366 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 87Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 88Page - Freescale Semiconductor, Inc DSP56366 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
3-59
Figure 3-35 ESAI HCKR Timing
3.15
Digital Audio Transmitter Timing
Figure 3-36 Digital Audio Transmitter Timing
Table 3-23 Digital Audio Transmitter Timing
No.
Characteristic
Expression
120 MHz
Unit
Min
Max
ACI frequency (see note)
1 / (2 x TC)—
60
MHz
220
ACI period
2
× T
C
16.7
—
ns
221
ACI high duration
0.5
× T
C
4.2
—
ns
222
ACI low duration
0.5
× T
C
4.2
—
ns
223
ACI rising edge to ADO valid
1.5
× T
C
—12.5
ns
Note: In order to assure proper operation of the DAX, the ACI frequency should be less than 1/2 of the DSP56366 internal
clock frequency. For example, if the DSP56366 is running at 120 MHz internally, the ACI frequency should be less than
60 MHz.
HCKR
SCKR (output)
465
463
ACI
ADO
220
223
AA1280
221
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com