| Electronic Components Datasheet Search |
|
MSP430F435IPZ Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F435IPZ Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 73 page ![]() MSP430x43x1, MSP430x43x, MSP430x44x MIXED SIGNAL MICROCONTROLLER SLAS344F − JANUARY 2002 − REVISED MAY 2007 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MSP430x44x Terminal Functions TERMINAL I/O DESCRIPTION NAME NO. I/O DESCRIPTION DVCC1 1 Digital supply voltage, positive terminal. P6.3/A3 2 I/O General-purpose digital I/O / analog input a3—12-bit ADC P6.4/A4 3 I/O General-purpose digital I/O / analog input a4—12-bit ADC P6.5/A5 4 I/O General-purpose digital I/O / analog input a5—12-bit ADC P6.6/A6 5 I/O General-purpose digital I/O / analog input a6—12-bit ADC P6.7/A7/SVSIN 6 I/O General-purpose digital I/O / analog input a7—12-bit ADC / analog input to brownout, supply voltage supervisor VREF+ 7 O Output of positive terminal of the reference voltage in the ADC XIN 8 I Input port for crystal oscillator XT1. Standard or watch crystals can be connected. XOUT 9 O Output terminal of crystal oscillator XT1 VeREF+ 10 I Input for an external reference voltage to the ADC VREF−/VeREF− 11 I Negative terminal for the ADC’s reference voltage for both sources, the internal reference voltage, or an external applied reference voltage P5.1/S0 12 I/O General-purpose digital I/O / LCD segment output 0 P5.0/S1 13 I/O General-purpose digital I/O / LCD segment output 1 S2 14 O LCD segment output 2 S3 15 O LCD segment output 3 S4 16 O LCD segment output 4 S5 17 O LCD segment output 5 S6 18 O LCD segment output 6 S7 19 O LCD segment output 7 S8 20 O LCD segment output 8 S9 21 O LCD segment output 9 S10 22 O LCD segment output 10 S11 23 O LCD segment output 11 S12 24 O LCD segment output 12 S13 25 O LCD segment output 13 S14 26 O LCD segment output 14 S15 27 O LCD segment output 15 S16 28 O LCD segment output 16 S17 29 O LCD segment output 17 S18 30 O LCD segment output 18 S19 31 O LCD segment output 19 S20 32 O LCD segment output 20 S21 33 O LCD segment output 21 S22 34 O LCD segment output 22 S23 35 O LCD segment output 23 S24 36 O LCD segment output 24 S25 37 O LCD segment output 25 S26 38 O LCD segment output 26 S27 39 O LCD segment output 27 S28 40 O LCD segment output 28 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |