Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56374 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56374
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56374 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
© Freescale Semiconductor, Inc.,
2004, 2005, 2006, 2007. All rights reserved.
Freescale Semiconductor
Data Sheet: Technical Data
DSP56374
Rev. 4.2, 1/2007
Table of Contents
1
Overview
The DSP56374 is a high-density CMOS device with
3.3 V inputs and outputs.
NOTE
This document contains information on a
new product. Specifications and
information herein are subject to change
without notice.
For software or simulation models (for
example, IBIS files), contact sales or go
to www.freescale.com.
The DSP56374 supports digital audio applications
requiring sound field processing, acoustic equalization,
and other digital audio algorithms. The DSP56374 uses
the high performance, single-clock-per-cycle DSP56300
core family of programmable CMOS digital signal
processors (DSPs) combined with the audio signal
processing capability of the Freescale Semiconductor,
Inc. Symphony™ DSP family, as shown in Figure 1.
Significant architectural enhancements include a barrel
shifter, 24-bit addressing, and direct memory access
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3
Documentation . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Signal Groupings . . . . . . . . . . . . . . . . . . . . . . . . . 5
5
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . 25
6
Power Requirements . . . . . . . . . . . . . . . . . . . . . 26
7
Thermal Characteristics . . . . . . . . . . . . . . . . . . . 27
8
DC Electrical Characteristics . . . . . . . . . . . . . . . 28
9
AC Electrical Characteristics. . . . . . . . . . . . . . . . 29
10 Internal Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . 29
11 External Clock Operation . . . . . . . . . . . . . . . . . . 29
12 Reset, Stop, Mode Select, and Interrupt Timing . 32
13 Serial Host Interface SPI Protocol Timing. . . . . . 35
14 Serial Host Interface (SHI) I2C Protocol Timing . 41
15 Programming the Serial Clock . . . . . . . . . . . . . . 43
16 Enhanced Serial Audio Interface Timing. . . . . . . 44
17 Timer Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
18 GPIO Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
19 JTAG Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
20 Watchdog Timer Timing . . . . . . . . . . . . . . . . . . . 53
DSP56374 Data Sheet


Similar Part No. - DSP56374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
logo
Freescale Semiconductor...
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Motorola, Inc
DSP56374PB MOTOROLA-DSP56374PB Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
DSP56374PB/D MOTOROLA-DSP56374PB/D Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
More results

Similar Description - DSP56374

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
high density CMOS device
DSP56374 MOTOROLA-DSP56374 Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
high density CMOS device
logo
Unisonic Technologies
U74LVC1G66 UTC-U74LVC1G66 Datasheet
175Kb / 7P
The U74LVC1G66 is a high-speed CMOS device.
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
ATMEL Corporation
ATV2500B ATMEL-ATV2500B_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
ATV2500BQL ATMEL-ATV2500BQL_14 Datasheet
762Kb / 21P
High-performance, High-density Programmable Logic Device
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com