Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56852 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56852
Description  16-bit Digital Signal Controllers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56852 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56852 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56852 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
External Clock Operation
56852 Technical Data, Rev. 8
Freescale Semiconductor
21
Figure 4-5 shows the definitions of the following signal states:
•
Active state, when a bus or signal is driven, and enters a low impedance state
•
Tri-stated, when a bus or signal is placed in a high impedance state
•
Data Valid state, when a signal level has reached VOL or VOH
•
Data Invalid state, when a signal level is in transition between VOL and VOH
Figure 4-5 Signal States
4.5 External Clock Operation
The 56852 system clock can be derived from a crystal or an external system clock signal. To generate a
reference frequency using the internal oscillator, a reference crystal must be connected between the
EXTAL and XTAL pins.
4.5.1
Crystal Oscillator for Use with PLL
The internal oscillator is designed to interface with a parallel-resonant crystal resonator in the frequency
range specified for the external crystal in Table 4-6. In Figure 4-6 a typical crystal oscillator circuit is
shown. Follow the crystal supplier’s recommendations when selecting a crystal, because crystal
parameters determine the component values required to provide maximum stability and reliable start-up.
The crystal and associated components should be mounted as close as possible to the EXTAL and XTAL
pins to minimize output distortion and start-up stabilization time.
Figure 4-6 Crystal Oscillator
Data Invalid State
Data1
Data2 Valid
Data
Tri-stated
Data3 Valid
Data2
Data3
Data1 Valid
Data Active
Data Active
Sample External Crystal
Parameters:
Rz = 10MΩ
TOD_SEL bit in CGM may be set to
0 or 1. 0 is recommended.
Crystal Frequency = 2–4MHz (optimized for 4MHz)
EXTAL XTAL
Rz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com