Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56853 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56853
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56853 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56853 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56853 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
56853 Technical Data, Rev. 6
4
Freescale Semiconductor
Part 1 Overview
1.1 56853 Features
1.1.1
Core
•
Efficient 16-bit engine with dual Harvard architecture
•
120 Million Instructions Per Second (MIPS) at 120MHz core frequency
•
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
•
Four (4) 36-bit accumulators including extension bits
•
16-bit bidirectional shifter
•
Parallel instruction set with unique DSP addressing modes
•
Hardware DO and REP loops
•
Three (3) internal address buses and one (1) external address bus
•
Four (4) internal data buses and one (1) external data bus
•
Instruction set supports both DSP and controller functions
•
Four (4) hardware interrupt levels
•
Five (5) software interrupt levels
•
Controller-style addressing modes and instructions for compact code
•
Efficient C Compiler and local variable support
•
Software subroutine and interrupt stack with depth limited only by memory
•
JTAG/Enhanced OnCE debug programming interface
1.1.2
Memory
•
Harvard architecture permits up to three (3) simultaneous accesses to program and data memory
•On-Chip Memory
—12K
× 16-bit Program SRAM
—4K
× 16-bit Data SRAM
—1K
× 16-bit Boot ROM
•
Off-Chip Memory Expansion (EMI)
— Access up to 2M words of program memory or 8M data memory
— Chip Select Logic for glue-less interface to ROM and SRAM
1.1.3
Peripheral Circuits for 56853
•
General Purpose 16-bit Quad Timer*
•
Two (2) Serial Communication Interfaces (SCI)*
•
Serial Peripheral Interface (SPI) Port*
•
Enhanced Synchronous Serial Interface (ESSI) modules*
•
Computer Operating Properly (COP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com