Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F437IPZ Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F437IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F437IPZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F437IPZ Datasheet HTML 4Page - Texas Instruments MSP430F437IPZ Datasheet HTML 5Page - Texas Instruments MSP430F437IPZ Datasheet HTML 6Page - Texas Instruments MSP430F437IPZ Datasheet HTML 7Page - Texas Instruments MSP430F437IPZ Datasheet HTML 8Page - Texas Instruments MSP430F437IPZ Datasheet HTML 9Page - Texas Instruments MSP430F437IPZ Datasheet HTML 10Page - Texas Instruments MSP430F437IPZ Datasheet HTML 11Page - Texas Instruments MSP430F437IPZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
MSP430x43x1, MSP430x43x, MSP430x44x
MIXED SIGNAL MICROCONTROLLER
SLAS344F − JANUARY 2002 − REVISED MAY 2007
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x43x1 functional block diagram
Comparator_
A
DVCC1/2 DVSS1/2
AVCC
AVSS
RST/NMI
P2
Flash
32KB
24KB
16KB
RAM
1KB
512B
Watchdog
Timer
WDT
15/16-Bit
Port 2
8 I/O
Interrupt
Capability
POR/
SVS/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD
128/160
Segments
1,2,3,4 MUX
fLCD
8
MCLK
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
P3
Port 3
8 I/O
8
Module
Timer_A3
3 CC Reg
P1
Port 1
8 I/O
Interrupt
Capability
8
P5
Port 5
8 I/O
8
P6
Port 6
6 I/O
8
P4
Port 4
8 I/O
8
Timer_B3
3 CC Reg
Shadow
Reg
USART0
UART Mode
SPI Mode
XT2IN
XT2OUT
Oscillator
FLL+
8 MHz
CPU
incl. 16
Registers
MSP430x43x functional block diagram
Comparator_
A
DVCC1/2 DVSS1/2
AVCC
AVSS
RST/NMI
P2
Flash
32KB
24KB
16KB
RAM
1KB
512B
Watchdog
Timer
WDT
15/16-Bit
Port 2
8 I/O
Interrupt
Capability
POR/
SVS/
Brownout
Basic
Timer 1
1 Interrupt
Vector
LCD
128/160
Segments
1,2,3,4 MUX
fLCD
8
MCLK
XOUT
JTAG
Interface
XIN
SMCLK
ACLK
MDB
MAB
Emulation
P3
Port 3
8 I/O
8
Module
Timer_A3
3 CC Reg
P1
Port 1
8 I/O
Interrupt
Capability
8
P5
Port 5
8 I/O
8
P6
Port 6
6 I/O
8
P4
Port 4
8 I/O
8
Timer_B3
3 CC Reg
Shadow
Reg
USART0
UART Mode
SPI Mode
XT2IN
XT2OUT
ADC12
12-Bit
8 Channels
<10
μs Conv.
Oscillator
FLL+
8 MHz
CPU
incl. 16
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com