Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM50-0006
Description  Low Noise Amplifier 1400-2000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0006 Datasheet(HTML) 2 Page - Tyco Electronics

  AM50-0006 Datasheet HTML 1Page - Tyco Electronics AM50-0006 Datasheet HTML 2Page - Tyco Electronics AM50-0006 Datasheet HTML 3Page - Tyco Electronics AM50-0006 Datasheet HTML 4Page - Tyco Electronics AM50-0006 Datasheet HTML 5Page - Tyco Electronics AM50-0006 Datasheet HTML 6Page - Tyco Electronics AM50-0006 Datasheet HTML 7Page - Tyco Electronics AM50-0006 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
AM50-0006
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Parameter
Test
Conditions
Units
1500 MHz
1900 MHz
Min.
Typ.
Max.
Min.
Typ.
Max.
Gain
VDD = 3 Volts
dB
15
18
20
15
17.5
20
Noise Figure
VDD = 3 Volts
dB
—
1.60
2.00
—
1.65
2.00
Input VSWR
—
Ratio
—
2.2:1
—
—
1.5:1
—
Output VSWR
—
Ratio
—
1.5:1
—
—
1.5:1
—
Output 1 dB Compression
VDD = 3 Volts
dBm
—
1
—
—
0
—
Input IP3
dBm
—
-5.0
—
—
-6.0
—
Reverse Isolation
—
dB
—
35
—
—
35
—
Drain Current
VDD = 3 Volts
mA
4.5
6.5
10
4.5
6.5
10
VDD = 3 Volts
Electrical Specifications2: TA = +25°C, Z0 = 50 Ω, Pin = -30 dBm
2. Using external 120 ohm resistor. See Functional Schematics.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current5
30 mA
Channel Temperature6
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. When pin #2 is used to increase current (see note 8).
6. Thermal resistance (
θjc) = +150°C/W.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
SOT-26†
†
Meets JEDEC moisture sensitivity level 1 requirements.
0 2 X Y



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com