Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS820-600B Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TS820-600B
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TS820-600B Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TS820-600B Datasheet HTML 1Page - Inchange Semiconductor Company Limited TS820-600B Datasheet HTML 2Page - Inchange Semiconductor Company Limited TS820-600B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
TS820-600B
www.iscsemi.com
1
APPLICATIONS
· Static switching
· Have high blocking voltage and high temperature stability cleaner
· Heating
· Industrial and domestic lighting
· Motor control
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
600
V
VRRM
Repetitive Peak Reverse Voltage
600
V
IT(RMS)
RMS on-state current
8
A
IT(AV)
Average on-state current
5
A
ITSM
Non-repetitive peak on-state current
73
A
PGM
Peak gate power
5
W
di/dt
Repetitive Rate of Rise of On-state Current after Triggering
50
A/us
I2t
I2t for fusing t= 10 ms
24.5
A2S
IGM
Peak Gate Current tp=20us,
4
A
Tj
Operating Junction Temperature
125
℃
Tstg
Storage Temperature
-40 ~+150
℃


Similar Part No. - TS820-600B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
162Kb / 9P
8A SCRs
Apr-2002
TS820-600B STMICROELECTRONICS-TS820-600B Datasheet
160Kb / 13P
Sensitive and standard 8 A SCRs
10-Oct-2011
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
486Kb / 9P
8A SCR
TS820-600B KERSEMI-TS820-600B Datasheet
487Kb / 9P
8A SCRs
logo
STMicroelectronics
TS820-600B-TR STMICROELECTRONICS-TS820-600B-TR Datasheet
162Kb / 9P
8A SCRs
Apr-2002
More results

Similar Description - TS820-600B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com