Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT65-0413 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT65-0413
Description  Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0413 Datasheet(HTML) 2 Page - Tyco Electronics

  AT65-0413 Datasheet HTML 1Page - Tyco Electronics AT65-0413 Datasheet HTML 2Page - Tyco Electronics AT65-0413 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
!
*
$
&
'
$)1 '/0(
7
0) 4
6
$)1 '/0($B
$
B
0E B
$)1 '/0( $3
F
$
3
( ) * +,-
)
$
.
/
0
!
)/
! "
4
G
5
' 1 =D?
5
* ' =D?
5
( ' =D?
3
3
3
G
G
G
0 (
0 .
0 -
0 )
* 0
* /
3
"
3
5
( ' =D?
3
27H B
+
B
5
* ' =D?
B
G
G
0 )%0
$
!$
!
$
!$
$
0'I
-'I
1'I
-'I 0'I B+
3
7
7
2
G
G
G
0'
('
(1
1'
01'
G
0 3
6
6
' '1 =D?
' 1 ( ' =D?
3
3
G
G
;*'
;*&
G
G
6(
$
;1
3
' '1 =D?
' 1 ( ' =D?
3
3
G
;/'
;1'
G
G
6*
$
;1
3
' '1 =D?
' 1 ( ' =D?
3
3
G
G
;/1
;)&
G
G
2
2
G
G
G
G
2
2
/ 1
& '
1 '
1 '
1 1
/ .1
2
2
4
' $$4
4
0 $$4
G
G
2
2
' '
* '
G
G
' &
1 '
4
4
4
D
'
' & 2
* '
1 ' 2
G
G
J
J
G
G
G
G
*'
*'
2
C/ 1
1 12
2
C '
' &2
2
9* 02
2
G
G
G
/ '
2
C 1 '
9& '
G
G
G
0
8 ' *1 ;(I
811 3
)
)
+
1
'
'
'
0
'
'
2
'
4
!B
'
0 ' 3
'
0
'
'
* ' 3
'
'
0
'
/ ' 3
'
'
'
0
& ' 3
0
0
0
0
01 ' 3
' C $$44
K0 C $$4D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com