Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT90-0001
Description  Digital Attenuator 31.0dB, 5-Bit, TTL Driver, DC-6.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-0001 Datasheet(HTML) 2 Page - Tyco Electronics

  AT90-0001 Datasheet HTML 1Page - Tyco Electronics AT90-0001 Datasheet HTML 2Page - Tyco Electronics AT90-0001 Datasheet HTML 3Page - Tyco Electronics AT90-0001 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
!
"
!
"
#
$ %&'' ()) **)) + ,%-.& ()) **))
#
$ %// 0-'& 1./ *'' + ,%// 0-'& 1./ (''
#
$ %&0 // &// &*-) + ,%&0 // &// &*-&
2
*
" # $ %&' ()* $ &*
+
$ &!
*+(+
$ ,&!*+
-
.
/
0
#.
0 1
<
:
* ' 657
:
/ ' 657
:
) ' 657
3
3
3
E
E
E
* 1
( (
1 '
( 0
( &
1 &
:
) ' 657
:
) ' 657
3
3
E
E
E
E
F ' ( B/G
F ' ( B1G
24H =
:
* ' 657
:
) ' 657
=
=
E
E
0 /%0
0 .%0
0 .%0
* /%0
0 3
1'
57
' 1 ) ' 657
3
3
E
E
B**
B*/
E
E
;*
1'
57
' 1 ) ' 657
3
3
E
E
B/(
B)'
E
E
;(
1'
57
' 1 ) ' 657
3
3
E
E
B(.
B/&
E
E
2
2
E
E
2
2
/ .1
& '
1 '
1 '
1 *1
/ .1
4
4
E
E
E
E
*1
01
E
E
2 <
2 5
E
E
2
2
' '
* '
' &
1 '
#
E
0
*/ 3 3
*1
(0 3 3
+
=
E
E
$
B1 3
$
B1 3
E
E
1'G
-'G 0'G =+
0'G
-'G
-'G
0'G
< H
5 65
?
4
2
I 2
6@:
E
E
*1'
/''
2
,!2
I 2 <
2 5
E
0 '
' *
$
=
J
E
E
K H
E
01
E
(
4
;
$$<
;
2
I
,!2
I 2
* 02
E
E
E
0 '
<
2
I 2
6@:
E
0 '
0 '
0 1
2
3(
&
0 1
,
;
' '1 657
' 1 ) ' 657
B*. 3
B(/ 3
2
' 12 L 2
L B. '2
2
& 12 L 2
L B' 12
2
)
' 12 L 2
L 2
B ' 12
$
/'K
B&1K
4
$
)1K
B0*1K
2
2
' 12 L 2
2
L 0/ 12
/
9,
"
1
"
)
4
4 $$<
!
#
#
4
5
6
7
3
%
'
'
'
'
'
<
!=
'
'
'
'
0
0 3
'
'
'
0
'
* 3
'
'
0
'
'
/ 3
'
0
'
'
'
& 3
0
'
'
'
'
0) 3
0
0
0
0
0
(0 3
' I $$<<
M0 I $$<5
(
$
0) 3 "
!
"
"
) $$<



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com