Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEBM-T12W4-R-5-LE4 Datasheet(PDF) 1 Page - Festo Corporation.

Part # NEBM-T12W4-R-5-LE4
Description  Connecting cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

NEBM-T12W4-R-5-LE4 Datasheet(HTML) 1 Page - Festo Corporation.

  NEBM-T12W4-R-5-LE4 Datasheet HTML 1Page - Festo Corporation. NEBM-T12W4-R-5-LE4 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connecting cable
NEBM-T12W4-R-5-LE4
Part number: 8140939
General operating condition
Data sheet
Feature
Value
Based on norm
EN 61076-2-111
Cable designation
With label holder
Product weight
410 g
Electrical connection 1, function
Field device end
Electrical connection 1, design
Round
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Angled
Electrical connection 1, connection technology
M12x1, T-coded as per EN 61076-2-111
Electrical connection 1, number of pins/wires
4
Electrical connection 1, occupied pins/wires
4
Electrical connection 1, type of mounting
Screw-type lock
Electrical connection for input 1, connection pattern
Socket, M12x1 T-coded as per EN 61076-2-111, 4-pole
Electrical connection 2, function
Control side
Electrical connection 2, connection type
Cable
Electrical connection 2, connection technology
Open end
Electrical connection 2, number of pins/wires
4
Electrical connection 2, occupied pins/wires
4
DC operating voltage range
0 V ... 60 V
Current rating at 40° C
5 A
Surge resistance
1.5 kV
Shield
no
Cable length
5 m
Cable characteristic
Suitable for robot applications
Connector cable test conditions
Test conditions on request
Bending radius, fixed cable installation
≥30 mm
Bending radius, flexible cable installation
≥75 mm
Cable diameter
7.5 mm
Cable diameter tolerance
± 0.2 mm
Cable design
4 x 0.75 mm²
Nominal conductor cross section
0.75 mm²
Nominal conductor cross section
AWG19
Wire ends
Stripped
Degree of protection
IP67
Note on degree of protection
In mounted state
Ambient temperature
-40 °C ... 80 °C
Ambient temperature with flexible cable installation
-20 °C ... 80 °C
5/22/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - NEBM-T12W4-R-5-LE4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
NEBM-T12W4-R-10-LE4 FESTO-NEBM-T12W4-R-10-LE4 Datasheet
74Kb / 2P
Connecting cable
NEBM-T12W4-R-3-LE4 FESTO-NEBM-T12W4-R-3-LE4 Datasheet
74Kb / 2P
Connecting cable
More results

Similar Description - NEBM-T12W4-R-5-LE4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
540328 FESTO-540328 Datasheet
89Kb / 2P
Connecting cable
4/20/22
540334 FESTO-540334 Datasheet
86Kb / 2P
Connecting cable
4/20/22
541363 FESTO-541363 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541364 FESTO-541364 Datasheet
87Kb / 2P
Connecting cable
7/18/22
541370 FESTO-541370 Datasheet
90Kb / 2P
Connecting cable
7/18/22
567844 FESTO-567844 Datasheet
91Kb / 2P
Connecting cable
7/18/22
541346 FESTO-541346 Datasheet
85Kb / 2P
Connecting cable
7/19/22
541349 FESTO-541349 Datasheet
84Kb / 2P
Connecting cable
7/19/22
554035 FESTO-554035 Datasheet
93Kb / 2P
Connecting cable
7/19/22
569842 FESTO-569842 Datasheet
84Kb / 2P
Connecting cable
7/19/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com