| Electronic Components Datasheet Search |
|
MFS5600AMMA0ES Datasheet(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMMA0ES Datasheet(HTML) 55 Page - NXP Semiconductors |
|
55 / 118 page ![]() NXP Semiconductors FS5600 Automotive buck regulator and controller with voltage monitors and watchdog timer When OTP_I2C_CRC_EN = 0, the CRC verification mechanism is disabled. When OTP_I2C_CRC_EN = 1, the CRC verification mechanism is enabled. After each I2C transaction, the device calculates the corresponding CRC byte to ensure the configuration command has not been corrupted. When a CRC fault is detected, the FS5600 ignores the erroneous configuration command and sets the CRC_I bit. The CRC_I is cleared by writing a 1 to it. The FS5600 implements a CRC-8-SAE, per the SAE J1850 specification. Polynomial = 0x11D Initial value = 0xFF Figure 18 shows the 8-bit CRC polynomial per SAE J1850. aaa-028696 7 MSB Data 6 5 4 1 0 3 I2C CRS Polynominal Seed: 1 1 1 1 1 1 1 1 2 Figure 18. 8-bit CRC Polynomial 17.9.2 NOT logic registers To prevent unintended writes to critical registers, a required two-step writing process must be followed. 1. Write the desired data in the REGISTER 2. Write the NOT value of Step 1 to the corresponding NOT_REGISTER For example, • SWx regulator will be enabled if ((SWx_EN = 1 AND NOT_SWx_EN = 0) AND (ENx pin = HIGH)). • SWx regulator will be disabled if ((SWx_EN = 0 AND NOT_SWx_EN = 1) OR (ENx pin = LOW)). A real-time XOR is performed to ensure that only complimentary register values are accepted. Refer to Section 18 for list of registers where this feature is applicable. 17.10 I2C write protection To prevent unintended writes to critical registers during system NORMAL state, certain registers may be modified only in the INIT_RUN state. These are: Register name Register names (Continued) FCCU12_BISTABLE FCCU2_FLT_POL FCCU1_FLT_POL NOT_FCCU12_FLT_POL NOT_FCCU12_BISTABLE NOT_FCCU2_FLT_POL NOT_FCCU1_FLT_POL NOT_SW1_EN SW1_EN NOT_SW2_EN SW2_EN NOT_FLT_ERR_CNT_LIMIT[1:0] Table 47. List of registers modifiable only during INIT_RUN state FS5600 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 4 — 29 April 2024 55 / 118 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |