Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFS5600AMMA7ES Datasheet(PDF) 58 Page - NXP Semiconductors

Part # MFS5600AMMA7ES
Description  Automotive buck regulator and controller with voltage monitors and watchdog timer
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMMA7ES Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button MFS5600AMMA7ES Datasheet HTML 54Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 55Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 56Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 57Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 58Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 59Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 60Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 61Page - NXP Semiconductors MFS5600AMMA7ES Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 118 page
background image
NXP Semiconductors
FS5600
Automotive buck regulator and controller with voltage monitors and watchdog timer
Flag name
Description
ABIST_CRC_ERR = 1
indicates that there was an error with the CRC values in the
mirror register.
ABIST_OSC_ERR = 1
indicates that the 20 MHz oscillator is not within 15 % of its
nominal value.
BG_ERR = 1
indicates that the main and monitoring band gaps are not
within 12 % of each other.
ABIST_VMON1_OV_ERR = 1
indicates that the VMON1's over voltage monitor is not
operating in the expected range.
ABIST_VMON1_UV_ERR = 1
indicates that the VMON1's under voltage monitor is not
operating in the expected range.
ABIST_VMON2_OV_ERR = 1
indicates that the VMON2's over voltage monitor is not
operating in the expected range.
ABIST_VMON2_UV_ERR = 1
indicates that the VMON2's under voltage monitor is not
operating in the expected range.
ABIST_VMON3_OV_ERR = 1
indicates that the VMON3's over voltage monitor is not
operating in the expected range.
ABIST_VMON3_UV_ERR = 1
indicates that the VMON3's under voltage monitor is not
operating in the expected range.
ABIST_VMON4_OV_ERR = 1
indicates that the VMON4's over voltage monitor is not
operating in the expected range.
ABIST_VMON4_UV_ERR = 1
indicates that the VMON4's under voltage monitor is not
operating in the expected range.
ABIST_SW1_OV_ERR = 1
indicates that the SW1's over voltage monitor is not
operating in the expected range.
ABIST_SW1_UV_ERR = 1
indicates that the SW1's under voltage monitor is not
operating in the expected range.
ABIST_SW2_OV_ERR = 1
indicates that the SW2's over voltage monitor is not
operating in the expected range.
ABIST_SW2_UV_ERR = 1
indicates that the SW2's under voltage monitor is not
operating in the expected range.
Table 51. ABIST flag bits
The above bits are all 0 if ABIST test is successful.
17.12.2 On-demand ABIST
When in the NORMAL STATE or INIT_RUN state, an application can request an on-demand ABIST to be
performed by setting the OD_ABIST bit. This OD_ABIST bit is self-clearing after completing the on-demand
ABIST.
FS0B is asserted low during on-demand ABIST if initiated in the INIT_RUN state.
FS0B remains high during on-demand ABIST if initiated in the NORMAL state.
17.12.3 Logical built-In self-test (LBIST)
The FS5600 includes a Logical Built-In Self-Test (LBIST) feature to verify functionality of the logic block in the
FS5600.
FS5600
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 29 April 2024
58 / 118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com