Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD8447L Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # FDD8447L
Description  N-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FDD8447L Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  FDD8447L Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FDD8447L Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FDD8447L Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FDD8447L Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TJ=25℃ unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristic
V(BR)DSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
40
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=40V, VGS=0V,
-
-
1.0
μA
IGSS
Gate to Body Leakage Current
VDS=0V, VGS= ±20V
-
-
±100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250μA
1.0
3.0
V
RDS(on)
Static Drain-Source on-
Resistance
note3
VGS=10V, ID=30A
-
5.0
mΩ
VGS=4.5V, ID=20A
-
10
Dynamic Characteristics
Ciss
Input Capacitance
VDS=20V,
VGS=0V,
f=1.0MHz
-
3800
-
pF
Coss
Output Capacitance
-
280
-
pF
Crss
Reverse Transfer Capacitance
-
230
-
pF
Qg
Total Gate Charge
VDS=20V,
ID=30A, VGS=10V
-
57
-
nC
Qgs
Gate-Source Charge
-
9
-
nC
Qgd
Gate-Drain(“Miller”) Charge
-
11
-
nC
Switching Characteristics
td(on)
Turn-on Delay Time
VDD=20V,
ID=30A,
RL=1Ω,
RGEN=3Ω,
VGS=10V
-
8
-
ns
tr
Turn-on Rise Time
-
18
-
ns
td(off)
Turn-off Delay Time
-
24
-
ns
tf
Turn-off Fall Time
-
14
-
ns
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain to Source Diode
Forward Current
-
-
80
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
320
A
VSD
Drain to Source Diode Forward
Voltage
VGS=0V, IS=30A
-
-
1.2
V
trr
Body Diode Reverse Recovery Time
TJ=25℃,
IF=20A,dI/dt=100A/μs
-
22
-
ns
Qrr
Body Diode Reverse Recovery
Charge
-
11
-
nC
Notes:1. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
2. EAS condition: TJ=25℃, VDD=20V, RG=25Ω,L=0.5mH, IAS=20.4A
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤0.5%
www.bychip.cn
FDD8447L
v2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com