Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP52-005 Datasheet(PDF) 1 Page - Tyco Electronics

Part # DP52-005
Description  Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP52-005 Datasheet(HTML) 1 Page - Tyco Electronics

  DP52-005 Datasheet HTML 1Page - Tyco Electronics DP52-005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
! "#
#
$ % &'
"
(
! "# )
#
$ % &*
"
(
%
% &
! '
(
)
! $
*% !
%+ ,
%-
(
(
. /
%$#
0 #
1 *
(
1 !
,
-2& !
,
-2&
(
1 !
,
-2& !
,
-2&
*#
(
1 ! )
!
! '
3
4
(
2 !
!/
'
5
! "
# $ %!
& '
(
) *
* '
&
+'
%!&
'
,
'
-
% !
(
' $
-
$
'
% !
( '
('
-
(
(
&%
!"# $
% %
%
&' ( ) * +
,
!
$
! -
(
1 ! )!
! '
3
6
% #1 ! )
!
3
6
(
1 !
%4 0
6
6
7
#
!
## *
"
, "
$
!
#
!
,
!
$
! -
(
1 ! )!
! '
3
6
% #1 ! )
!
3
6
(
1 !
%4 0
6
6
7
#
!
## *
"
, "
$
!
#
!
&.
&
& *
&
!"# $
% %
%
&' () * +


Similar Part No. - DP52-005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002 Datasheet
142Kb / 2P
Low Cost SMT Dual Band Diplexer
logo
M/A-COM Technology Solu...
DP52-0002 MA-COM-DP52-0002 Datasheet
82Kb / 4P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
142Kb / 2P
Low Cost SMT Dual Band Diplexer
DP52-0002-TR MACOM-DP52-0002-TR Datasheet
264Kb / 2P
Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
M/A-COM Technology Solu...
DP52-0002-TR MA-COM-DP52-0002-TR Datasheet
82Kb / 4P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
More results

Similar Description - DP52-005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CH20-0032-17G MACOM-CH20-0032-17G Datasheet
103Kb / 2P
Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
MACPCC0002 MACOM-MACPCC0002 Datasheet
307Kb / 4P
Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz
MAFLCC0001 MACOM-MAFLCC0001 Datasheet
288Kb / 4P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MACOM-MAFLCC0003 Datasheet
209Kb / 3P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
M/A-COM Technology Solu...
DP52-0002 MA-COM-DP52-0002 Datasheet
82Kb / 4P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0001 MA-COM-MAFLCC0001 Datasheet
82Kb / 4P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MA-COM-MAFLCC0003 Datasheet
80Kb / 3P
Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Pasternack Enterprises,...
PE51014 PASTERNACK-PE51014 Datasheet
46Kb / 1P
Dual Band Antenna, 824 - 896 MHz / 1850 . 1990 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com