Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP3N60E Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PHP3N60E
Description  PowerMOS transistors Avalanche energy rated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP3N60E Datasheet(HTML) 4 Page - NXP Semiconductors

  PHP3N60E Datasheet HTML 1Page - NXP Semiconductors PHP3N60E Datasheet HTML 2Page - NXP Semiconductors PHP3N60E Datasheet HTML 3Page - NXP Semiconductors PHP3N60E Datasheet HTML 4Page - NXP Semiconductors PHP3N60E Datasheet HTML 5Page - NXP Semiconductors PHP3N60E Datasheet HTML 6Page - NXP Semiconductors PHP3N60E Datasheet HTML 7Page - NXP Semiconductors PHP3N60E Datasheet HTML 8Page - NXP Semiconductors PHP3N60E Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHP3N60E, PHB3N60E
Avalanche energy rated
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
PHP2N60
1ms
1s
Zth j-mb, Transient thermal impedance (K/W)
1us
10us
100us
10ms
100ms
tp, pulse width (s)
0.001
0.01
0.1
1
10
D =
tp
tp
T
T
P
t
D
D = 0.5
0.2
single pulse
0.05
0.02
0.1
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
0
1
2
3
4
5
PHP2N60
VDS, Drain-Source voltage (Volts)
ID, Drain current (Amps)
5.5 V
5 V
6 V
10 V
VGS = 4.5 V
Tj = 25 C
10
100
1000
10000
0.1
1
10
100
PHP2N60
VDS, Drain-source voltage (Volts)
ID, Drain current (Amps)
100 us
1 ms
10 ms
RDS(ON)
=
VDS/ID
100 ms
DC
tp = 10 us
012
345
0
2
4
6
8
10
PHP2N60
5 V
5.5 V
10 V
ID, Drain current (Amps)
RDS(on), Drain-Source on resistance (Ohms)
VGS = 4.5 V
6 V
Tj = 25 C
December 1998
4
Rev 1.200



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com