Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

710375 Datasheet(PDF) 2 Page - PCTEL, Inc.

Part # 710375
Description  Smarteq™ SmartDisc™ WiFi Dual Band Antenna, Bluetooth®
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

710375 Datasheet(HTML) 2 Page - PCTEL, Inc.

  710375 Datasheet HTML 1Page - PCTEL, Inc. 710375 Datasheet HTML 2Page - PCTEL, Inc. 710375 Datasheet HTML 3Page - PCTEL, Inc. 710375 Datasheet HTML 4Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Smarteq™ SmartDisc™
WiFi Dual Band Antenna, Bluetooth®
WiFi 2.4 GHz and 5 GHz
Smarteq™ SmartDisc™
WiFi Dual Band Antenna, Bluetooth®
WiFi 2.4 GHz and 5 GHz
Smareteq™ SmartDisc™ WiFi is a low profile dual band WiFi antenna with durable design. The antenna
is ground plane independent and enables flexible and easy installation. Ideal for WiFi applications for
M2M, rugged vehicle installations and EV-charging.
Features
• 2.4 GHz and 5 GHz
• Discreet design with option: hole or adhesive mount
• Optional mounting brackets available
• IP67 class
• DC short
• Option cable approved acc. to ECE-R118
• Available in black or white
2
Applications
• Critical Communications
• EV Charging
• In-Building and Enterprise Wireless
• Industrial IoT
• Industrial Kitchens
• Intelligent Transportation
• Smart Cities
Certifications
SPECIFICATIONS
> pctel.com/antenna-products
DATASHEET ID 550 028 U
Smarteq, based in Stockholm, Sweden, is a leading developer of
antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy and
vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
Other
This part is RoHS compliant.
Part number
Color
Installation
type
Cable
length (m)
Connector
type
710213
Black
Std screw
0,5
SMA(m)
710214
White
Std screw
0,5
SMA(m)
710215
Black
Adhesive tape
0,5
SMA(m)
710218
White
Adhesive tape
0,5
SMA(m)
710211 /
707201
Black
Std screw
2,5
SMA(m)
710212
White
Std screw
2,5
SMA(m)
710221
Black
Adhesive tape
2,5
SMA(m)
710219
White
Adhesive tape
2,5
SMA(m)
710237
Black
Std screw
5,0
SMA(m)
710216
Black
Std screw
2,5
FME(f)
710232
Black
Long screw
2,5
SMA(m)
710279
White
Std screw
0,5
N-type (f)
710425
White
Long screw
2,5
SMA (m)
710201
Black
Std screw
1,0
Fakra (f)
Other cable lengths and connectors are available upon request.
Accessories
707154
White angled bracket
201411
Vertical bracket
Smarteq reserves the right to change specifications without prior notice.
Vertical bracket
Angled bracket
DATASHEET ID 550 028 U
Smarteq, based in Stockholm, Sweden, is a leading developer of
antennas and antenna systems for increased availability.
Smarteq aims towards the market segments industry, energy and
vehicles.
smarteq.com info@smarteq.com +46 8 792 92 00
Other
This part is RoHS compliant.
Part number
Color
Installation
type
Cable
length (m)
Connector
type
710213
Black
Std screw
0,5
SMA(m)
710214
White
Std screw
0,5
SMA(m)
710215
Black
Adhesive tape
0,5
SMA(m)
710218
White
Adhesive tape
0,5
SMA(m)
710211 /
707201
Black
Std screw
2,5
SMA(m)
710212
White
Std screw
2,5
SMA(m)
710221
Black
Adhesive tape
2,5
SMA(m)
710219
White
Adhesive tape
2,5
SMA(m)
710237
Black
Std screw
5,0
SMA(m)
710216
Black
Std screw
2,5
FME(f)
710232
Black
Long screw
2,5
SMA(m)
710279
White
Std screw
0,5
N-type (f)
710425
White
Long screw
2,5
SMA (m)
710201
Black
Std screw
1,0
Fakra (f)
Other cable lengths and connectors are available upon request.
Accessories
707154
White angled bracket
201411
Vertical bracket
Smarteq reserves the right to change specifications without prior notice.
Vertical bracket
Angled bracket
Hole mount
Adhesive mount
707154 – Optional white
angled mounting bracket
201411 – Optional vertical
mounting bracket
DATASHEET ID 550 158 E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com