Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMLPVMBLTENGP Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # WMLPVMBLTENGP
Description  No Ground Plane MLPV Low-Profile Vertical Antennas
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

WMLPVMBLTENGP Datasheet(HTML) 1 Page - PCTEL, Inc.

  WMLPVMBLTENGP Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCTEL, Inc. WEB: www.antenna.com
MOBILE ANTENNAS
MLPV NO GROUND PLANE Series
*Measured on a 4 foot diameter ground plane. Gain is ground plane dependent.
PCTEL’s low-profile antennas provide superior pattern coverage for mobile and fixed
applications. The no ground plane design provides industry leading performance
and reliability, with minimum loss and no tuning required. This antenna series
features an attractive, compact housing ideal for both indoor or outdoor applications.
Antennas can be purchased separately, or as a kit assembly with the MVPHP mount for
permanent installations (VP option).
Features
• Attractive, low-profile design for maximum overhead clearance
• Industry leading performance provides outstanding coverage across multiple
frequency bands without a ground plane
• IP67 rated for ingress protection against severe environmental conditions
• Mates with all 1-1/8”-18 thread mounts, including 3/4” mounts
• N Female termination option available on select models (VP Option)
No Ground Plane MLPV Low-Profile Vertical Antennas
BMLPV900NGPVP
ELECTRICAL SPECIFICATIONS
Model
Frequency Range
Gain*
VSWR
Maximum
Power
Nominal Impedance
Polarization
BMLPV900NGP
902-928 MHz
Unity
< 2.0:1
100 watts
50 ohms
Vertical, linear
BMLPV2400NGP
2400-2500 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical, linear
BMLPVMBLTENGP
698-960 MHz / 1710-2700 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical, linear
WMLPVMBLTENGP
698-960 MHz / 1710-2700 MHz
3 dBi
< 2.0:1
100 watts
50 ohms
Vertical, linear
Low-Profile Whipless Antennas
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Model
Dimensions
Weight
Housing Material
Temperature
Range
Color
BMLPV900NGP
1.50 OD x 3.38 H in (3.81 x 8.59 cm) 0.31 lbs (.14 kg)
Chrome Coil - Bushing ZINC
Top Cover - ZINC DIECAST
-40° C to +85°C Black
BMLPV2400NGP
1.50 OD x 3.38 H in (3.81 x 8.59 cm) 0.31 lbs (.14 kg)
-40° C to +85°C Black
BMLPVMBLTENGP
1.44 OD x 3.54 H in (3.66 x 8.99 cm) 0.40 lbs (0.18 kg)
-40° C to +85°C Black
WMLPVMBLTENGP 1.44 OD x 3.54 H in (3.66 x 8.99 cm) 0.40 lbs (0.18 kg)
-40° C to +85°C White over Chrome
BMLPVMBLTENGP
STANDARD CONFIGURATION
MLPV antennas mate with 1-1/8”-18 thread mounts, including 3/4” mounts (sold separately). For models operating at frequencies over 600 MHz,
high frequency mounts are recommended:
MLFML195C: High performance permanent mount 3/4” hole, 1-1/8”-18 thread interface. Includes 17 ft of Pro-Flex™ Plus 195 cable. Loose TNC
male connector included. Optimized for frequencies over 600 MHz. Configurable.
GMLFML195C: High performance magnetic mount 3-1/4” diameter base, 1-1/8”-18 thread interface. Includes 12 ft of Pro-Flex™ Plus 195 cable
terminated with TNC male connector (attached). Optimized for frequencies over 600 MHz. Configurable.
MTPM800: 5/8” hole, 1-1/8”-18 thread mount for surfaces up to 1/2-inch thick. Terminates in an N Female connector. No cable.** Supports 24
MHz - 6 GHz.
MVPHP: 5/8” hole, vandal proof mount. No cable.** Supports 24 MHz - 6 GHz. Add suffix “VP” to the MLPV part number to have this mount
permanently installed at the factory. VP option will not be removable from factory installed “VP” antennas. (example: BMLPV900VP.)
MMF: 3/4” hole, 1-1/8”-18 mount. Terminates in an SMA, Male connector. No cable.** Supports 24 MHz - 6 GHz.
MMF-VP: 3/4” hole vandal-proof mount for frequencies from 0 GHz to 6 GHz. 1-1/8”-18 thread interface. Terminates in SMA, Male connector. No
cable**. Accommodates surfaces up to .09-inch thick.
RoHS
COMPLIANT


Similar Part No. - WMLPVMBLTENGP

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
WMLPVMB/LTE PCTEL-WMLPVMB/LTE Datasheet
268Kb / 2P
Low-Profile Antennas - MLPV Series
More results

Similar Description - WMLPVMBLTENGP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1812 ETC2-A1812 Datasheet
12Kb / 1P
VHF NO GROUND PLANE ANTENNA
logo
Taoglas antenna solutio...
FXUB63.07.0150C TAOGLAS-FXUB63.07.0150C Datasheet
3Mb / 13P
Ground Plane Independent
FXUB66.01.0150C TAOGLAS-FXUB66.01.0150C Datasheet
1Mb / 15P
Ground Plane Independent
FXUB66.07.0150C TAOGLAS-FXUB66.07.0150C Datasheet
1Mb / 14P
Ground Plane Independent
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001 Datasheet
2Mb / 21P
Ground Plane Independent
FXP810.07.0100C TAOGLAS-FXP810.07.0100C Datasheet
978Kb / 12P
Ground-plane Independent
FXP810.09.0100C TAOGLAS-FXP810.09.0100C Datasheet
1,009Kb / 11P
Ground-plane Independent
FXP830.07.0100C TAOGLAS-FXP830.07.0100C Datasheet
1Mb / 14P
Ground-plane Independent
logo
PCTEL, Inc.
BMLPVMBLTENGP PCTEL-BMLPVMBLTENGP Datasheet
201Kb / 1P
MLPV Low-Profile No Ground Plane Antennas
MLPV PCTEL-MLPV Datasheet
268Kb / 2P
Low-Profile Antennas - MLPV Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com