Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD55008S-E Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD55008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008S-E Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD55008S-E Datasheet HTML 10Page - STMicroelectronics PD55008S-E Datasheet HTML 11Page - STMicroelectronics PD55008S-E Datasheet HTML 12Page - STMicroelectronics PD55008S-E Datasheet HTML 13Page - STMicroelectronics PD55008S-E Datasheet HTML 14Page - STMicroelectronics PD55008S-E Datasheet HTML 15Page - STMicroelectronics PD55008S-E Datasheet HTML 16Page - STMicroelectronics PD55008S-E Datasheet HTML 17Page - STMicroelectronics PD55008S-E Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Test circuit
PD55008-E, PD55008S-E
14/28
Z1
0.451” X 0.080” MICROSTRIP
Z2
1.005” X 0.080” MICROSTRIP
Z3
0.020” X 0.080” MICROSTRIP
Z4
0.155” X 0.080” MICROSTRIP
Z5,Z6
0.260” X 0.233” MICROSTRIP
Z7
0.065” X 0.080” MICROSTRIP
Z8
0.266” X 0.080” MICROSTRIP
Z9
1.113” X 0.080” MICROSTRIP
Z10
0.433” X 0.080” MICROSTRIP
BOARD
ROGER ULTRA LAM 2000 THK 0.030”
ε
r = 2.55 2oz ED Cu BOTH SIDES
Table 7.
Test circuit component part list
Component
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com