Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JH-113PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # JH-113PIN
Description  Quadrature Hybrid, 7 - 14 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

JH-113PIN Datasheet(HTML) 2 Page - Tyco Electronics

  JH-113PIN Datasheet HTML 1Page - Tyco Electronics JH-113PIN Datasheet HTML 2Page - Tyco Electronics JH-113PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Quadrature Hybrid,
7 - 14 MHz
JH-/JHS-113
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
2
Less Coupling
7 - 14 MHz
dB
—
—
0.5
Isolation
—
7 - 14 MHz
dB
20
—
—
Amplitude Balance
—
7 - 14 MHz
dB
—
—
0.75
VSWR
—
7 - 14 MHz
Ratio
—
—
1.2:1
Deviation from
Quadrature
—
7 - 14 MHz
°
—
—
3
1. All specifications apply with 50 ohm source and load impedance.
2. Average of coupled output less 3 dB.
Phasing Diagram
OUT
IN
A
B
C
D
A
ISO
0°
-90°
B
ISO
-90°
0°
C
0°
90°
ISO
D
-90°
0°
ISO
Typical Performance Curves
All other pins and case are ground.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com