Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M9BC Datasheet(PDF) 1 Page - Tyco Electronics

Part # M9BC
Description  Double-Balanced Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M9BC Datasheet(HTML) 1 Page - Tyco Electronics

  M9BC Datasheet HTML 1Page - Tyco Electronics M9BC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double-Balanced Mixer
M9BC
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• LO & RF: 0.5 TO 500 MHz
• IF: DC TO 500 MHz
• LO DRIVE: +17 dBm (NOMINAL)
• HIGH INTERCEPT: +25 dB (TYP.)
• HIGH ISOLATION: 50 dB (TYP.)
Description
The M9BC is a double balanced mixer, designed for use in military,
commercial, and test equipment applications.
The design utilizes
Schottky ring quad diodes and broadband ferrite baluns to attain
excellent performance.
This mixer can also be used as a phase
detector and/or bi-phase modulator since the IF port is DC coupled to the
diodes.
Environmental
screening
is
available
to
MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M9BC
Relay Can
Electrical Specifications: Z0 = 50Ω
Ω
Ω
Ω Lo = +17 dBm (Downconverter Application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
SSB Conversion Loss &
SSB Noise Figure (max)
fR=0.0005 to 0.03 GHz, fL=0.0005 to 0.03 GHz, fI=0.0004 to
0.03GHz
fR=0.03 to 0.1 GHz, fL=0.03 to 0.1 GHz, fI=0.0004 to
0.1GHz
fR=0.1 to 0.5 GHz, fL=0.1 to 0.5 GHz, fI=0.0004 to 0.5GHz
dB
dB
dB
6.0
7.0
8.0
7.0
7.5
9.0
7.3
7.8
9.3
Isolation, L to R (min)
fL = 0.0005 to 0.03 GHz
fL = 0.03 to 0.1 GHz
fL = 0.1 to 0.5 GHz
dB
dB
dB
60
55
40
55
45
35
54
44
34
Isolation, L to I (min)
fL = 0.0005 to 0.03 GHz
fL = 0.03 to 0.1 GHz
fL = 0.1 to 0.5 GHz
dB
dB
dB
55
45
30
45
35
25
44
34
24
1 dB Conversion
Compression
fL @ +17 dBm
dBm
+8
Input IP3
dBm
+23
Isolation, R to I (min)
fL = 0.0005 to 0.5 GHz
dB
20
Product Image


Similar Part No. - M9BC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M9BC MA-COM-M9BC Datasheet
698Kb / 2P
Double-Balanced Mixer
M9BC MA-COM-M9BC Datasheet
698Kb / 2P
Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
Double-Balanced Mixer
More results

Similar Description - M9BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
M8H-3 MA-COM-M8H-3 Datasheet
963Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com