Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM263P4 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM263P4
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM263P4 Datasheet HTML 3Page - Texas Instruments AM263P4 Datasheet HTML 4Page - Texas Instruments AM263P4 Datasheet HTML 5Page - Texas Instruments AM263P4 Datasheet HTML 6Page - Texas Instruments AM263P4 Datasheet HTML 7Page - Texas Instruments AM263P4 Datasheet HTML 8Page - Texas Instruments AM263P4 Datasheet HTML 9Page - Texas Instruments AM263P4 Datasheet HTML 10Page - Texas Instruments AM263P4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 164 page
background image
Table 4-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM263P4
AM263P4-Q1
AM263P2
AM263P2-Q1
AM263P1
AM263P1-Q1
Digital-to-Analog Converter
DAC
1
Programmable Real-Time Unit Subsystem(5)
PRU-ICSS
0 or 1
Industrial Communication Subsystem Support(6)
PRU-ICSS
Optional
Gigabit Ethernet Interface
CPSW
Yes (2(8) or 1(9))
Multi-Media Card/Secure Digital Interface
MMCSD
1
Enhanced High-Resolution Pulse-Width Modulator
Module
EHRPWM
16(2) or 32(3)
16(2) or 32(3)
16
Enhanced Capture Module
ECAP
8(2) or 16(3)
8(2) or 16(3)
8
Enhanced Quadrature Encoder Pulse Module
EQEP
2(2) or 3(3)
2(2) or 3(3)
2
Sigma Delta Filter Module
SDFM
1(2) or 2(3)
1(2) or 2(3)
1
Fast Serial Interface
FSI
4x FSI_RX + 4x FSI_TX
Octal SPI Flash Interface
OSPI
1 or 0(11)
Miscellaneous
Junction Temperature
Industrial: –40°C to 105°C
Extended Automotive: –40°C to 150°C(12)
Automotive Qualification
AEC-Q100(7) Option
(1)
Values listed here for DEVICE_ID are bits [31:13] of the TOP_CTRL.EFUSE_JTAG_USERCODE_ID register. For full JTAG ID's please
refer to the Device Part Number Identifier table.
(2)
Standard Analog configuration contains 3x ADC, 16x EHRPWM, 8x eCAP, 2x EQEP, 1x SDFM, 12x CMPSS
(3)
Enhanced Analog configuration contains 5x ADC, 32x EHRPWM, 16x eCAP, 3x EQEP, 2x SDFM, 20x CMPSS
(4)
The 2x Resolver ADC12B3M modules can be used as either Resolver ADCs or general-purpose ADCs
(5)
Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code of D, E, F,
K, L, M, or N. Refer to the Nomenclature Description table for definition of feature codes.
(6)
Industrial Communication Subsystem Support is available when selecting an orderable part number that includes a feature code of D,
E, F, K, L, M, or N. Refer to the Nomenclature Description table for definition of feature codes.
(7)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Nomenclature Description table.
(8)
Applies to devices in the ZCZ-C Package only and have a Special Features code of C. Refer to the Nomenclature Description table for
definition of Special Features codes.
(9)
Applies to devices in the ZCZ-S Package and the ZCZ-F Package that have a Special Features code of F or S. Refer to the
Nomenclature Description table for definition of Special Features codes.
(10) Each R5FSS cluster supports 256KB of Tightly-Coupled Memory (TCM). When configured as Single-Core or Lockstep operating
mode, individual cores can utilize the entire 256KB of TCM memory, while in Dual-Core mode, each core may only utilize its
designated half (128KB TCM).
(11) The Flash-in-Package variant connects the OSPI interface to an OSPI Flash device included in the package, disabling the external
OSPI interface for application use.
(12) The Flash-in-Package variant is limited by the OSPI Flash device in the package to 125°C.
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com