Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM62A32AMLSIAMBQ1 Datasheet(PDF) 32 Page - Texas Instruments

Part # AM62A32AMLSIAMBQ1
Description  AM62Ax Sitara™ Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM62A32AMLSIAMBQ1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AM62A32AMLSIAMBQ1 Datasheet HTML 28Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 29Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 30Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 31Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 32Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 33Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 34Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 35Page - Texas Instruments AM62A32AMLSIAMBQ1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 237 page
background image
Table 6-1. Pin Attributes (AMB Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AA7
MMC0_DAT3
PADCONFIG:
PADCONFIG130
0x000F4208
MMC0_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
UART3_RXD
1
I
1
EHRPWM0_B
2
IO
0
SPI1_CS0
5
IO
1
SPI2_CS2
6
IO
1
GPIO1_36
7
IO
pad
Y8
MMC0_DAT4
PADCONFIG:
PADCONFIG129
0x000F4204
MMC0_DAT4
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
UART2_CTSn
1
I
1
EHRPWM0_A
2
IO
0
SPI2_D1
6
IO
0
GPIO1_35
7
IO
pad
W7
MMC0_DAT5
PADCONFIG:
PADCONFIG128
0x000F4200
MMC0_DAT5
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
UART2_RTSn
1
O
EHRPWM_TZn_IN2
2
I
0
SPI2_D0
6
IO
0
GPIO1_34
7
IO
pad
W9
MMC0_DAT6
PADCONFIG:
PADCONFIG127
0x000F41FC
MMC0_DAT6
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
UART2_TXD
1
O
EHRPWM0_SYNCO
2
O
SPI1_D1
5
IO
0
SPI2_CS3
6
IO
1
GPIO1_33
7
IO
pad
AB8
MMC0_DAT7
PADCONFIG:
PADCONFIG126
0x000F41F8
MMC0_DAT7
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV4
Yes
SDIO
PU/PD
UART2_RXD
1
I
1
EHRPWM0_SYNCI
2
I
0
SPI1_D0
5
IO
0
SPI2_CS1
6
IO
1
GPIO1_32
7
IO
pad
B22
MMC1_DAT0
PADCONFIG:
PADCONFIG140
0x000F4230
MMC1_DAT0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_HW2TSPUSH
1
I
0
TIMER_IO3
2
IO
0
UART2_CTSn
3
I
1
ECAP2_IN_APWM_OUT
4
IO
0
GPIO1_45
7
IO
pad
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1
SPRSP77A – MARCH 2023 – REVISED AUGUST 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com