Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA213CIRSWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA213CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA213CIRSWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA213CIRSWR Datasheet HTML 12Page - Texas Instruments INA213CIRSWR Datasheet HTML 13Page - Texas Instruments INA213CIRSWR Datasheet HTML 14Page - Texas Instruments INA213CIRSWR Datasheet HTML 15Page - Texas Instruments INA213CIRSWR Datasheet HTML 16Page - Texas Instruments INA213CIRSWR Datasheet HTML 17Page - Texas Instruments INA213CIRSWR Datasheet HTML 18Page - Texas Instruments INA213CIRSWR Datasheet HTML 19Page - Texas Instruments INA213CIRSWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
6.4.2 Shutting Down the INA21x Series
Although the INA21x series does not have a shutdown pin, the low power consumption of the device allows the
output of a logic gate or transistor switch to power the INA21x. This gate or switch turns on and turns off the
INA21x power-supply quiescent current.
However, in current shunt monitoring applications, there is also a concern for how much current is drained
from the shunt circuit in shutdown conditions. Evaluating this current drain involves considering the simplified
schematic of the INA21x in shutdown mode, as shown in Figure 6-3.
INA21x
V+
OUT
GND
IN-
IN+
PRODUCT
R and R
3
4
INA210
INA211
INA212
INA213
INA214
5 kW
2 kW
1 kW
20 kW
10 kW
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
1 MW
R
3
1 MW
R
4
Supply
Load
R
SHUNT
Output
INA215
13.3 kW
Copyright © 2017, Texas Instruments Incorporated
1-MΩ paths from shunt inputs to reference and INA21x outputs.
Figure 6-3. Basic Circuit for Shutting Down The INA21x With a Grounded Reference
Note that there is typically slightly more than 1-MΩ impedance (from the combination of 1-MΩ feedback and
5-kΩ input resistors) from each input of the INA21x to the OUT pin and to the REF pin. The amount of current
flowing through these pins depends on the respective ultimate connection. For example, if the REF pin is
grounded, the calculation of the effect of the 1-MΩ impedance from the shunt to ground is straightforward.
However, if the reference or op amp is powered while the INA21x is shut down, the calculation is direct; instead
of assuming 1 MΩ to ground, however, assume 1 MΩ to the reference voltage. If the reference or op amp is
also shut down, some knowledge of the reference or op amp output impedance under shutdown conditions is
required. For instance, if the reference source behaves as an open circuit when not powered, little or no current
flows through the 1-MΩ path.
Regarding the 1-MΩ path to the output pin, the output stage of a disabled INA21x does constitute a good path
to ground. Consequently, this current is directly proportional to a shunt common-mode voltage present across a
1-MΩ resistor.
As a final note, when the device is powered up, there is an additional, nearly constant, and well-matched 25
μA that flows in each of the inputs as long as the shunt common-mode voltage is 3 V or higher. Below 2-V
common-mode, the only current effects are the result of the 1-MΩ resistors.
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com