Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA213CIRSWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA213CIRSWT
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA213CIRSWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA213CIRSWT Datasheet HTML 7Page - Texas Instruments INA213CIRSWT Datasheet HTML 8Page - Texas Instruments INA213CIRSWT Datasheet HTML 9Page - Texas Instruments INA213CIRSWT Datasheet HTML 10Page - Texas Instruments INA213CIRSWT Datasheet HTML 11Page - Texas Instruments INA213CIRSWT Datasheet HTML 12Page - Texas Instruments INA213CIRSWT Datasheet HTML 13Page - Texas Instruments INA213CIRSWT Datasheet HTML 14Page - Texas Instruments INA213CIRSWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
5.6 Typical Characteristics (continued)
The INA210 is used for typical characteristics at TA = 25°C, VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Time (250
/div)
μs
0V
Inverting Input
Output
VS = 5 V
VCM = 12 V
VREF = 2.5 V
Figure 5-19. Inverting Differential Input Overload
Time (250 s/div)
μ
0V
Noninverting Input
Output
VS = 5 V
VCM = 12 V
VREF = 2.5 V
Figure 5-20. Noninverting Differential Input Overload
Time (100
/div)
μs
0V
Supply Voltage
Output Voltage
VS = 5 V
1-kHz step with VDIFF
= 0 V
VREF = 2.5 V
Figure 5-21. Start-Up Response
Time (100
/div)
μs
0V
Supply Voltage
Output Voltage
VS = 5 V
1-kHz step with
VDIFF = 0 V
VREF = 2.5 V
Figure 5-22. Brownout Recovery
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com